Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65845AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M65845AFP
Description  Digital Echo with Microphone Mixing Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65845AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M65845AFP Datasheet HTML 4Page - Renesas Technology Corp M65845AFP Datasheet HTML 5Page - Renesas Technology Corp M65845AFP Datasheet HTML 6Page - Renesas Technology Corp M65845AFP Datasheet HTML 7Page - Renesas Technology Corp M65845AFP Datasheet HTML 8Page - Renesas Technology Corp M65845AFP Datasheet HTML 9Page - Renesas Technology Corp M65845AFP Datasheet HTML 10Page - Renesas Technology Corp M65845AFP Datasheet HTML 11Page - Renesas Technology Corp M65845AFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M65845AFP
REJ03F0170-0201 Rev.2.01 Jan 25, 2008
Page 8 of 13
Input impedance to pin 35 is so high (1 M
Ω) that ALC base voltage can be determined by division resistance.
35
R16
R17 (51 k
Ω)
C33 (0.01
μF)
VCC
at VCC = 5 V
ALC Operation Voltage (dBV)
Pin 35 Control Voltage VALC (V)
Resistance R16 (
Ω)
+3
0.50
5.6 k
0
1.09
15 k
–2
1.38
20 k
–4
1.61
24 k
–6
1.79
27 k
–8
1.94
33 k
–10
2.05
36 k
MIC SW
Input low level to pin 31 (MIC SW), then microphone and echo signal can be cut.
Pin 31 (MIC SW)
MIC SW
Echo Signal Output
H or Open
On
On
L
Off
Mute
Audio Source Select
Changing the switch, sound source changes four patterns matching with Karaoke soft.
Pin 33 AUDSW1: D1
Pin 34 AUDSW2: D2
Movements
L
L
Stereo
L
H
Lch monaural
H
L
Rch monaural
H
H
Vocal cut
1. Stereo
Under the conditions usual 2ch are played back to each outputs.
2. Lch monaural
Under the conditions Lch source is played back to 2ch outputs and suitable for Karaoke reproduction of multiple
Karaoke soft and main sound reproduction of laser disks.
3. Rch monaural
Under the conditions Rch source is played back to 2ch outputs and suitable for reference vocal reproduction of
multiple Karaoke soft and sub sound reproduction of laser disks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com