Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65845AFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M65845AFP
Description  Digital Echo with Microphone Mixing Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65845AFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M65845AFP Datasheet HTML 6Page - Renesas Technology Corp M65845AFP Datasheet HTML 7Page - Renesas Technology Corp M65845AFP Datasheet HTML 8Page - Renesas Technology Corp M65845AFP Datasheet HTML 9Page - Renesas Technology Corp M65845AFP Datasheet HTML 10Page - Renesas Technology Corp M65845AFP Datasheet HTML 11Page - Renesas Technology Corp M65845AFP Datasheet HTML 12Page - Renesas Technology Corp M65845AFP Datasheet HTML 13Page - Renesas Technology Corp M65845AFP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
M65845AFP
REJ03F0170-0201 Rev.2.01 Jan 25, 2008
Page 13 of 13
Package Dimensions
y
Index mark
1
18
19
36
F
*2
*3
D
e
bp
c
Detail F
A2
A1
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
Previous Code
JEITA Package Code
RENESAS Code
PRSP0036GA-A
36P2R-A
MASS[Typ.]
0.5g
P-SSOP36-8.4x15-0.80
0.2
0.15
0.13
0.5
0.4
0.35
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
15.2
15.0
14.8
D
8.6
8.4
8.2
E
2.0
A2
12.23
11.93
11.63
2.4
A
0.05
0.7
0.5
0.3
L
10°
0°
c
0.8
e
0.15
y
HE
A1
bp
0.65
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com