Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65845AFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M65845AFP
Description  Digital Echo with Microphone Mixing Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65845AFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M65845AFP Datasheet HTML 5Page - Renesas Technology Corp M65845AFP Datasheet HTML 6Page - Renesas Technology Corp M65845AFP Datasheet HTML 7Page - Renesas Technology Corp M65845AFP Datasheet HTML 8Page - Renesas Technology Corp M65845AFP Datasheet HTML 9Page - Renesas Technology Corp M65845AFP Datasheet HTML 10Page - Renesas Technology Corp M65845AFP Datasheet HTML 11Page - Renesas Technology Corp M65845AFP Datasheet HTML 12Page - Renesas Technology Corp M65845AFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
M65845AFP
REJ03F0170-0201 Rev.2.01 Jan 25, 2008
Page 9 of 13
4. Vocal cut
It is a method turned down Lch and Rch input having the same phase and sound.
Low pass cut off frequency fc is determined by a capacitance which connect to pin 36 (vocal cut filter).
It is also having a function which through frequency under vocal level for supplying a lack of low level sound.
36
RVC = 20 kΩ (Typ)
C34
1
2
π • RVC • C34
fc =
at fc = 50 Hz, C34 = 0.15
μF is determined.
Caution: Inside resistance is changeable one by one which rate is
±30%.
Digital Echo
1. Clock oscillator circuit
This IC incorporates a current control type clock oscillator circuit in it, thus providing circuit configuration just by
connecting an RC for current control pin 32 (CLOCK CONT).
Fully internal clock supply prevents occurrence of undesired radiation without affecting any external circuit.
The oscillator frequency fck is following.
fck = 2 MHz (RC = 51 kΩ)
RC
DC current
32
Clock
oscillator
circuit
Clock frequency: fck
Note: The delay time (Td) for echo is determined by the clock frequency (fck).
Delay time = 1/fck
× 24 × N
(N = the number of memory bits = 16384)
fck = 2 MHz (Rc = 51 k
Ω): Delay time = 197 ms
fck = 2.6 MHz (Rc = 39 k
Ω): Delay time = 150 ms
fck = 3.9 MHz (Rc = 24 k
Ω): Delay time = 100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com