Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65845AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M65845AFP
Description  Digital Echo with Microphone Mixing Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65845AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M65845AFP Datasheet HTML 1Page - Renesas Technology Corp M65845AFP Datasheet HTML 2Page - Renesas Technology Corp M65845AFP Datasheet HTML 3Page - Renesas Technology Corp M65845AFP Datasheet HTML 4Page - Renesas Technology Corp M65845AFP Datasheet HTML 5Page - Renesas Technology Corp M65845AFP Datasheet HTML 6Page - Renesas Technology Corp M65845AFP Datasheet HTML 7Page - Renesas Technology Corp M65845AFP Datasheet HTML 8Page - Renesas Technology Corp M65845AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REJ03F0170-0201 Rev.2.01 Jan 25, 2008
Page 1 of 13
M65845AFP
Digital Echo with Microphone Mixing Circuit
REJ03F0170-0201
Rev.2.01
Jan 25, 2007
Description
The M65845AFP is a CMOS IC built-in digital echo function with microphone peripheral circuits for Karaoke
equipment packed in a single chip.
It is suitable for Karaoke equipments such as video CD player, mini stereo, CD-radio cassette, TV or VCR.
Being pin compatible with the M65845FP, the M65845AFP is suitable for upgrading the series.
Features
• High performance digital echo circuit thanks to 16 Kbit memory
• Two microphone-mixing lines, vocal cut circuit, digital echo, and line-mixing amplifier are contained, enabling
single-chip package of microphone peripheral circuit of Karaoke equipment.
• ALC-equipped microphone amplifiers permit excessively high-input. ALC operating voltage can be set as desired.
• Vocal cut circuit of complete stereo construction
• Compatibility with the M65845FP
• Built-in current-control oscillation circuit
• Built-in automatic reset circuit activated with power on
• Single power supply (5 V)
Recommended Operating Condition
• Supply voltage range: V
CC = 4.5 V to 5.5 V
• Rated supply voltage: V
CC = 5 V
System Configuration
Lch
INPUT
Rch
INPUT
MIC2
Lch
OUTPUT
Rch
OUTPUT
MIX
ALC
MIX
MIX
Echo VOL
Source
selector
L
R
MIC1
AUDIO SW
MIC SW
ALC
MIC VOL
MIC VOL
MIX
Digital
echo
Vocal
cut


Similar Part No. - M65845AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65845AFP MITSUBISHI-M65845AFP Datasheet
110Kb / 15P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
More results

Similar Description - M65845AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65845AFP MITSUBISHI-M65845AFP Datasheet
110Kb / 15P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65853FP MITSUBISHI-M65853FP Datasheet
113Kb / 17P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65854FP MITSUBISHI-M65854FP Datasheet
102Kb / 14P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65855FP MITSUBISHI-M65855FP Datasheet
58Kb / 10P
1 Chip Digital Echo with Microphone mixing Amplifier
M65856SP MITSUBISHI-M65856SP Datasheet
100Kb / 17P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
DIGITAL ECHO
logo
Renesas Technology Corp
M65855FP RENESAS-M65855FP Datasheet
3Mb / 11P
CHIP DIGITAL ECHO WITH MICROPHONE MIXING AMPLIFIER
M65856SP RENESAS-M65856SP Datasheet
295Kb / 19P
Digital Echo with Mic-mixing Circuit
logo
Sanyo Semicon Device
LC75100M SANYO-LC75100M Datasheet
275Kb / 14P
CMOS IC Digital Echo IC with Microphone Amplifier Circuit
logo
Princeton Technology Co...
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com