Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38269ECFS Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M38269ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38269ECFS Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M38269ECFS Datasheet HTML 32Page - Renesas Technology Corp M38269ECFS Datasheet HTML 33Page - Renesas Technology Corp M38269ECFS Datasheet HTML 34Page - Renesas Technology Corp M38269ECFS Datasheet HTML 35Page - Renesas Technology Corp M38269ECFS Datasheet HTML 36Page - Renesas Technology Corp M38269ECFS Datasheet HTML 37Page - Renesas Technology Corp M38269ECFS Datasheet HTML 38Page - Renesas Technology Corp M38269ECFS Datasheet HTML 39Page - Renesas Technology Corp M38269ECFS Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 36 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
PULSE WIDTH MODULATION (PWM)
The 3826 group has a PWM function with an 8-bit resolution,
using f(XIN) or f(XIN)/2 as a count source.
Data Setting
The PWM output pins are shared with ports P50 and P51. Set the
PWM period by the PWM prescaler, and set the period during
which the output pulse is an “H” by the PWM register.
If PWM count source is f(XIN) and the value in the PWM prescaler
is n and the value in the PWM register is m (where n = 0 to 255
and m = 0 to 255) :
PWM period = 255 ✕ (n+1)/f(XIN)
= 31.875 ✕ (n+1) µs (when f(XIN) = 8 MHz)
Output pulse “H” period = PWM period ✕ m/255
= 0.125 ✕ (n+1) ✕ m µs
(when f(XIN) = 8 MHz)
PWM Operation
When either bit 1 (PWM0 function enable bit) or bit 2 (PWM1 func-
tion enable bit) of the PWM control register or both bits are
enabled, operation starts from initializing status, and pulses are
output starting at “H”. When one PWM output is enabled and that
the other PWM output is enabled, PWM output which is enabled to
output later starts pulse output from halfway of PWM period (see
Figure 37).
When the PWM register or PWM prescaler is updated during
PWM output, the pulses will change in the cycle after the one in
which the change was made.
Fig. 34 Timing of PWM cycle
Fig. 35 Block diagram of PWM function
31.875 ✕ m ✕ (n+1)
255
µs
T = [31.875 ✕ (n+1)] µs
PWM output
m: Contents of PWM register
n : Contents of PWM prescaler
T : PWM cycle (when f(XIN) = 8 MHz)
Data bus
Count source
selection bit
“0”
“1”
PWM
prescaler pre-latch
PWM
register pre-latch
PWM
prescaler latch
PWM
register latch
Transfer control circuit
PWM circuit
1/2
XIN
PWM0 function
enable bit
P51 /PWM1
PWM prescaler
PWM1 function
enable bit
Port P51
lacth
Port P50
lacth
P50 /PWM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com