Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38269ECFS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38269ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38269ECFS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38269ECFS Datasheet HTML 3Page - Renesas Technology Corp M38269ECFS Datasheet HTML 4Page - Renesas Technology Corp M38269ECFS Datasheet HTML 5Page - Renesas Technology Corp M38269ECFS Datasheet HTML 6Page - Renesas Technology Corp M38269ECFS Datasheet HTML 7Page - Renesas Technology Corp M38269ECFS Datasheet HTML 8Page - Renesas Technology Corp M38269ECFS Datasheet HTML 9Page - Renesas Technology Corp M38269ECFS Datasheet HTML 10Page - Renesas Technology Corp M38269ECFS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 7 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
GROUP EXPANSION
Renesas expands the 3826 group as follows.
Memory Type
Support for One Time PROM version or EPROM version.
Memory Size
ROM size ........................................................................ 60 K bytes
RAM size ....................................................................... 2560 bytes
Packages
PRQP0100JB-A ....................... 0.65 mm-pitch plastic molded QFP
PLQP0100KB-A ......................... 0.5 mm-pitch plastic molded QFP
100D0 ................... 0.65 mm-pitch ceramic LCC (EPROM version)
Memory Expansion Plan
Fig. 5 Memory expansion plan
ROM size (bytes)
RAM size (bytes)
256
512
768
1024
1280
1536
1792
192
2048
2304
2560
32K
28K
24K
20K
16K
12K
8K
4K
52K
48K
44K
40K
36K
56K
60K
M3826AEF
Mass production
Currently planning products are listed below.
Table 3 Support products
As of Sep. 2006
Remarks
One Time RPOM version
One Time PROM version
EPROM version for development
Package
PRQP0100JB-A
PLQP0100KB-A
100D0
Part number
M3826AEFFP
M3826AEFGP
M3826AEFFS
RAM size (bytes)
61440
(61310)
ROM size (bytes)
ROM size for User in (
)
2560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com