Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38269ECFS Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M38269ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38269ECFS Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M38269ECFS Datasheet HTML 37Page - Renesas Technology Corp M38269ECFS Datasheet HTML 38Page - Renesas Technology Corp M38269ECFS Datasheet HTML 39Page - Renesas Technology Corp M38269ECFS Datasheet HTML 40Page - Renesas Technology Corp M38269ECFS Datasheet HTML 41Page - Renesas Technology Corp M38269ECFS Datasheet HTML 42Page - Renesas Technology Corp M38269ECFS Datasheet HTML 43Page - Renesas Technology Corp M38269ECFS Datasheet HTML 44Page - Renesas Technology Corp M38269ECFS Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 41 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
DTMF Function (Dual Tone Multi Frequency)
DTMF function is used to output the result which generated auto-
matically the waveform of sine wave of two kinds of different
frequency, and added two kinds of this sine wave as an analog
value.
DTMF output waveform can be output from DA1 pin. DTMF wave-
form is output by setting “1” (enabled) to the DTMF/DA1 output
enable bit (bit 0 of address 003616), and setting “1” to the DTMF/
DA1 selection bit (bit 2 of address 003616). At this time, set “0” (in-
put state) to the direction register of ports P56/DA1 pin and pull-up
resistor to be OFF state.
In order to set two kinds of frequency which generates DTMF
waveform, write a value in the DTMF high group timer and the
DTMF low group timer, respectively. The value written in each
above-mentioned timer is n, the sine wave of the following fre-
quency can be generated.
f =
(Hz)
Set “0616” or more to the DTMF high group timer and the DTMF
low group timer. After reset release, “0616” is automatically set to
them.
f(XIN)/2
(n+1) ✕ 32
The digital value for one period of high group and low group out-
put is shown in Figure 43.
DTMF output is automatically input to high-order 6 bits of the D/A1
conversion register as 6-bit D/A data. The low-order 2 bits of the
D/A1 conversion register are fixed to the value written in the D/A1
conversion register.
Moreover, only the sine wave of high group can be output by set-
ting “1” to the bit 4 of the D/A control register. By setting “1” to the
bit 5 of the D/A control register similarly, only the sine wave of low
group can be output. Writing to the DTMF high group timer and
the DTMF low group timer can also be changed to “writing to latch
and timer simultaneously” by setting “1” to the bit 6 of the D/A con
trol register. “Writing to only latch” is set after reset release. If the
D/A1 conversion register is read when the DTMF function is
selected,the digital value of DTMF output can be read.
Fig. 43 Waveform data of high group and low group
0
5
10
15
20
25
30
1416
2816
3C16
5016
6416
7816
016
0
5
10
15
20
25
30
1416
2816
3C16
5016
6416
7816
016
DA data of low group waveform (1 period) for DTMF
DA data of high group waveform (1 period) for DTMF
* This is the value set to DA1 conversion register when the low-order 2 bits are “0”.
Conversion time of high group ROM
Conversion time of low group ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com