Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38269ECFS Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M38269ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38269ECFS Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M38269ECFS Datasheet HTML 36Page - Renesas Technology Corp M38269ECFS Datasheet HTML 37Page - Renesas Technology Corp M38269ECFS Datasheet HTML 38Page - Renesas Technology Corp M38269ECFS Datasheet HTML 39Page - Renesas Technology Corp M38269ECFS Datasheet HTML 40Page - Renesas Technology Corp M38269ECFS Datasheet HTML 41Page - Renesas Technology Corp M38269ECFS Datasheet HTML 42Page - Renesas Technology Corp M38269ECFS Datasheet HTML 43Page - Renesas Technology Corp M38269ECFS Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 40 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
D/A Converter
The 3826 group has a D/A converter with 8-bit resolution and 2
channels (DA1, DA2).
The D/A converter is started by setting the DTMF/DA1 selection bit
and the CTCSS/DA2 selection bit to “0” and setting the value in
the DA conversion register. When the DTMF/DA1 output enable bit
and the CTCSS/DA2 output enable bit is set to “1”, the result of D/
A conversion is output from the corresponding DA1 pin or DA2 pin.
When using the D/A converter, set the P56/DA1 pin and the P57/
DA2 pin to input mode (set “0” to bits 6, 7 of port P5 direction reg-
ister) and the pull-up resistor should be in the OFF state
previously.
The output analog voltage V is determined by the value n (base
10) in the DA conversion register as follows:
V=VREF ✕ n/256 (n=0 to 255)
Where VREF is the reference voltage.
At reset, the DA conversion registers are set to “0016”, the DTMF/
DA1 output enable bit and the CTCSS/DA2 output enable bit are
set to “0”, and the P56/DA1 pin and the P57/DA2 pin goes to high
impedance state. The D/A converter is not buffered, so connect an
external buffer when driving a low-impedance load.
■ Note on applied voltage to VREF pin
When the P56/DA1 pin and the P57/DA2 pin are used as an I/O
port, be sure to apply Vcc to VREF pin.
When these pins are used as D/A conversion output pins, the Vcc
level is recommended for the applied voltage to VREF pin.
When the voltage below Vcc level is applied, the D/A conversion
accuracy may be worse.
Fig. 41 Structure of DA control register
Fig. 42 Block diagram of D/A converter
b7
b0
DA control register
(DACON : address 003616)
DTM F/DA1 output enable bit
0 : Disabled
1 : Enabled
CTCSS timer write control bit
0 : Write value in latch only
1 : Write value in latch and counter
High/Low group timer write control bit
0 : Write value in latch only
1 : Write value in latch and counter
High group ROM data selection bit
0 : Sine wave
1 : “0” fixed
Low group ROM data selection bit
0 : Sine wave
1 : “0” fixed
CTCSS/DA2 selection bit
0 : DA2 function
1 : CTCSS function
DTMF/DA1 selection bit
0 : DA1 function
1 : DTMF function
CTCSS/DA2 output enable bit
0 : Disabled
1 : Enabled
P56/DA1
P57/DA2
5-bit adder
Selector
Low
group
ROM
5bit ✕ 32
8-bit timer
8-bit timer
XIN/2
CTCSS
ROM
8bit ✕ 64
10-bit timer
Selector
High
group
ROM
5bit ✕ 32
*
Data bus
DA1 conversion register (8)
DA1 output enable bit
DA2 output enable bit
Data bus
R-2R resistor ladder
R-2R resistor ladder
DA2 conversion register (8)
When DTMF is selected, the high-order 6 bits are automatically set as the DTMF output.
The low-order 2 bits are set by writing data to the D-A1 conversion register.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com