Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38269ECFS Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M38269ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38269ECFS Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M38269ECFS Datasheet HTML 24Page - Renesas Technology Corp M38269ECFS Datasheet HTML 25Page - Renesas Technology Corp M38269ECFS Datasheet HTML 26Page - Renesas Technology Corp M38269ECFS Datasheet HTML 27Page - Renesas Technology Corp M38269ECFS Datasheet HTML 28Page - Renesas Technology Corp M38269ECFS Datasheet HTML 29Page - Renesas Technology Corp M38269ECFS Datasheet HTML 30Page - Renesas Technology Corp M38269ECFS Datasheet HTML 31Page - Renesas Technology Corp M38269ECFS Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 28 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Timer Y
Timer Y is a 16-bit timer and is equipped with the timer latch. The
division ratio of timer Y is given by 1/(n+1), where n is the value in
the timer latch. Timer Y is a down-counter. When the contents of
timer Y reach “000016”, an underflow occurs at the next count
pulse and the contents of the timer latch are reloaded into the
timer and the count is continued. When the timer underflows, the
timer Y interrupt request bit is set to “1”.
Timer Y can be selected in one of four modes by the timer Y mode
register.
(1) Timer mode
The timer counts f(XIN)/16 (or f(XCIN)/16 in low-speed mode).
(2) Period measurement mode
CNTR1 interrupt request is generated at rising or falling edge of
CNTR1 pin input signal. Simultaneously, the value in timer Y latch
is reloaded in timer Y and timer Y continues counting down.
Except for this, the operation in period measurement mode is the
same as in timer mode.
The timer value just before the reloading at rising or falling of
CNTR1 pin input signal is retained until the next valid edge is
input.
The rising or falling timing of CNTR1 pin input signal can be
discriminated by CNTR1 interrupt. When using a timer in this
mode, set the P55/CNTR1 pin to input mode (set “0” to bit 5 of port
P5 direction register).
(3) Event counter mode
The timer counts signals input through the CNTR1 pin.
Except for this, the operation in event counter mode is the same
as in timer mode. When using a timer in this mode, set the
P55/CNTR1 pin to input mode (set “0” to bit 5 of port P5 direction
register).
(4) Pulse width HL continuously measure-
ment mode
CNTR1 interrupt request is generated at both rising and falling
edges of CNTR1 pin input signal. Except for this, the operation in
pulse width HL continuously measurement mode is the same as in
period measurement mode. When using a timer in this mode, set
the P55/CNTR1 pin to input mode (set “0” to bit 5 of port P5
direction register).
■Note on CNTR1 interrupt active edge selection
CNTR1 interrupt active edge depends on the value of the CNTR1
active edge switch bit. However, in pulse width HL continuously
measurement mode, CNTR1 interrupt request is generated at both
rising and falling edges of CNTR1 pin input signal regardless of
the value of CNTR1 active edge switch bit.
Fig. 24 Structure of timer Y mode register
Timer Y mode register
(TYM : address 002816)
b7
b0
Not used (“0” at reading)
Timer Y operating mode bits
b5b4
00 : Timer mode
01 : Period measurement mode
10 : Event counter mode
11 : Pulse width HL continuously
measurement mode
CNTR1 active edge switch bit
0 : Count at rising edge in event counter mode
Measure the falling edge to falling edge
period in period measurement mode
Falling edge active for CNTR1 interrupt
1 : Count at falling edge in event counter mode
Measure the rising edge period in period
measurement mode
Rising edge active for CNTR1 interrupt
Timer Y stop control bit
0 : Count start
1 : Count stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com