Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38269ECFS Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # M38269ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38269ECFS Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button M38269ECFS Datasheet HTML 79Page - Renesas Technology Corp M38269ECFS Datasheet HTML 80Page - Renesas Technology Corp M38269ECFS Datasheet HTML 81Page - Renesas Technology Corp M38269ECFS Datasheet HTML 82Page - Renesas Technology Corp M38269ECFS Datasheet HTML 83Page - Renesas Technology Corp M38269ECFS Datasheet HTML 84Page - Renesas Technology Corp M38269ECFS Datasheet HTML 85Page - Renesas Technology Corp M38269ECFS Datasheet HTML 86Page - Renesas Technology Corp M38269ECFS Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 83 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.10 Notes on D/A converter
(1)
Pin states at reset
The P56/DA1 pin and the P57/ADT/DA2 pin go to high impedance state at reset.
(2)
Connecting low-impedance device
The DAi output pin have no buffer, so connect an external buffer when driving a low-impedance
load.
(3)
Reference voltage input pin VREF
•When the P56/DA1 pin and the P57/ADT/DA2 pin are used as DAi output pins, the Vcc level is
recommended for the applied voltage to the VREF pin. When the voltage below Vcc level is
applied, the D/A conversion accuracy may be worse.
•Connect an approximately 1000 pF capacitor across the AVss pin and the VREF pin. Besides,
connect the capacitor across the VREF pin and the AVss pin at equal length as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com