Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS206SS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD151TS206SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS206SS Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD151TS206SS Datasheet HTML 1Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 2Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 3Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
HD151TS206SS
Rev.1.00, Apr.28.2003, page 4 of 34
Pin Descriptions
Pin name
No.
Type
Description
AVSS
47
Ground for PLL
VSS_CPU
43,37
VSS_3V66
28
VSS_PCI
11,17
VSS_REF
6
VSS_48
23
Ground
Ground for outputs
AVDD
48
3.3 V Power Supply for PLL
VDD_CPU
40
VDD_SRC
34
VDD_3V66
27
VDD_PCI
10,16
VDD_REF
3
VDD_48
24
Power
3.3 V Power Supply for outputs
**FS1/REF0
1
INPUT/OUTPUT
Frequency select latch input pin.
3.3 V 14.318 MHz reference clock.
*FS0/REF1
2
INPUT/OUTPUT
Frequency select latch input pin.
3.3 V 14.318 MHz reference clock.
XTAL_IN
4
INPUT
14.318 MHz XTAL input.
XTAL_OUT
5
OUTPUT
14.318 MHz XTAL output.
Don’t connect when an external clock is applied at
XTAL_IN.
**FS2/PCIF_0
7,
INPUT/OUTPUT
Frequency select latch input pin.
Free running PCI clock 3.3 V output.
33 MHz clocks divided down from 3V66.
**FS4/PCIF_1
8
INPUT/OUTPUT
Frequency select latch input pin.
Free running PCI clock 3.3 V output.
33 MHz clocks divided down from 3V66.
PCIF_2
9
OUTPUT
Free running PCI clock 3.3 V output.
33 MHz clocks divided down from 3V66.
**MODE/PCI_0
12
INPUT/OUTPUT
Function select latch input pin for pin 30,
1 = Reset#, 0 = clock output.
/ PCI clock 3.3 V output. 33 MHz clocks divided down
from 3V66.
PCI[1:5]
13,14,15,
18,19
OUTPUT
PCI clock 3.3 V output.
33 MHz clocks divided down from 3V66.
Note:
(*):
Those pins are 150 k
Ω internal pull-up.
(**):
Those pins are 150 k
Ω internal pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com