Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS206SS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD151TS206SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS206SS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD151TS206SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 17Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 18Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 19Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
HD151TS206SS
Rev.1.00, Apr.28.2003, page 16 of 34
I
2C Controlled Register Bit Map (cont.)
How to set VCO2 frequency to 666 MHz.
0001
011
0
ON
Write
Byte17
6
0110
0110
Byte18
6
6
max 720
min 200
How to read actual frequency of VCO2 and CPU clock
0110
1000
Byte20
8
6
0110
0110
Byte17[4] = 1
Actual VCO2 freq. read back.
Byte19
6
6
Note:
Case of VCO2 = 666.8 MHz.
Other clock frequency are able to read using the same way as shown at upper.
Byte19, Byte20 = Read back of VCO2 actual frequency.
Byte21, Byte22 = Read back of CPU actual frequency.
Byte19 Control Register
Bit
Description
Contents
Type
Default
Note
7
VCO2 Frequency Read
Bit15
R0
6
VCO2 Frequency Read
Bit14
R0
5
VCO2 Frequency Read
Bit13
R0
4
VCO2 Frequency Read
Bit12
Calculation result of VCO2 frequency.
100 MHz digit
0000 = 0, 0001 = 1 …. 1001 = 9
R0
3
VCO2 Frequency Read
Bit11
R0
2
VCO2 Frequency Read
Bit10
R0
1
VCO2 Frequency Read Bit9
R
0
0
VCO2 Frequency Read Bit8
Calculation result of VCO2 frequency.
10 MHz digit
0000 = 0, 0001 = 1 …. 1001 = 9
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com