Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS206SS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HD151TS206SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS206SS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HD151TS206SS Datasheet HTML 10Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 17Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
HD151TS206SS
Rev.1.00, Apr.28.2003, page 14 of 34
I
2C Controlled Register Bit Map (cont.)
Byte15 Control Register
Bit
Description
Contents
Type
Default
Note
7
PCI_5 Output Frequency
Select Bit
0 = 33.3 MHz , 1 = 25 MHz
R/W
0
6
48_24MHz Output
Frequency Select Bit
0 = 48 MHz , 1 = 24 MHz
R/W
0
5
SAFE_F# Input mode select
Bit
0 = PWRDWN# input mode
1 = SAFE_F# input mode
Default is PWRDWN# input.
SAFE_F# is active “Low” input.
When SAFE_F# is “Low”, frequency
mode is changed to the predefined
frequency mode.
Predefined frequency mode is selected
by B23[1].
R/W
0
4
Clock Divider Control Bit
0 = Normal mode
Clock dividers are changed by Table 5
selection decided B9[5:1]
1 = Over or Down clocking mode
Clock dividers are changed by B15[3:0]
and B16[7:0].
B15[3:0] and B16[7:0] are able to be
changed at B15[4] = 1.
R/W
0
3
CPU Divider Control Bit3
R/W
X
2
CPU Divider Control Bit2
R/W
X
1
CPU Divider Control Bit1
R/W
X
0
CPU Divider Control Bit0
0001 = 1/1, 0101 = 1/5, 1001 = 1/9
0010 = 1/2, 0110 = 1/6, 1010 = 1/10
0011 = 1/3, 0111 = 1/7, 1011 = 1/11
0100 = 1/4, 1000 = 1/8
R/W
X
Byte16 Control Register
Bit
Description
Contents
Type
Default
Note
7
3V66 / PCI / PCIF Divider
Control Bit3
R/W
X
6
3V66 / PCI / PCIF Divider
Control Bit2
R/W
X
5
3V66 / PCI / PCIF Divider
Control Bit1
R/W
X
4
3V66 / PCI / PCIF Divider
Control Bit0
3V66 divider ratio =
0010 = 1/2, 0110 = 1/6, 1010 = 1/10
0011 = 1/3, 0111 = 1/4, 1011 = 1/11
0100 = 1/4, 1000 = 1/8, 1100 = 1/12
0101 = 1/5, 1001 = 1/9
PCI / PCIF divider ratio = 3V66 x 1/2
R/W
X
3
SRC Divider Control Bit3
R/W
X
2
SRC Divider Control Bit2
R/W
X
1
SRC Divider Control Bit1
R/W
X
0
SRC Divider Control Bit0
0001 = 1/1, 0101 = 1/5, 1001 = 1/9
0010 = 1/2, 0110 = 1/6, 1010 = 1/10
0011 = 1/3, 0111 = 1/7, 1011 = 1/11
0100 = 1/4, 1000 = 1/8
R/W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com