Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS206SS Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HD151TS206SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS206SS Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HD151TS206SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 17Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 18Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
HD151TS206SS
Rev.1.00, Apr.28.2003, page 15 of 34
I
2C Controlled Register Bit Map (cont.)
Byte17 Control Register
Bit
Description
Contents
Type
Default
Note
7
Reserved
1
R/W
0
6
Reserved
1
R/W
0
5
Reserved
1
R/W
0
4
PLL2 Output (VCO2)
Frequency Control Bit
(M2 / N2 Divider Control Bit)
PLL2 : for CPU
0 = Normal mode
VCO2 frequency is changed on Table 5
selection decided by FS4/3/2/1/0 or
B9[5:1].
1 = Over or Down clocking mode
VCO2 frequency is changed by
B17[3:0] and B18[7:0] with decimal.
B17[3:0] and B18[7:0] are able to be
changed at B17[4] = 1.
R/W
0
3
VCO2 Frequency Control
Bit11
R/W
0
2
VCO2 Frequency Control
Bit10
R/W
1
1
VCO2 Frequency Control
Bit9
R/W
0
0
VCO2 Frequency Control
Bit8
These bits are 100MHz digit of VCO2
frequency.
0000 = 0, 0001 = 1 …. 1001 = 9
R/W
0
See
Note1
Note:
1. B17[3:0] and B18[7:0] must be written together (at writing B18) in every case.
Byte18 Control Register
Bit
Description
Contents
Type
Default
Note
7
VCO2 Frequency Control
Bit7
R/W
0
6
VCO2 Frequency Control
Bit6
R/W
0
5
VCO2 Frequency Control
Bit5
R/W
0
4
VCO2 Frequency Control
Bit4
These bits are 10MHz digit of VCO2
frequency.
0000 = 0, 0001 = 1 …. 1001 = 9
R/W
0
3
VCO2 Frequency Control
Bit3
R/W
0
2
VCO2 Frequency Control
Bit2
R/W
0
1
VCO2 Frequency Control
Bit1
R/W
0
0
VCO2 Frequency Control
Bit0
These bits are 1MHz digit of VCO2
frequency.
0000 = 0, 0001 = 1 …. 1001 = 9
R/W
0
See
Note1
Note:
1. B17[3:0] and B18[7:0] must be written together (at writing B18) in every case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com