Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS206SS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD151TS206SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS206SS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD151TS206SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 9Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 10Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
HD151TS206SS
Rev.1.00, Apr.28.2003, page 8 of 34
I
2C Controlled Register Bit Map (cont.)
Table1 CPU Clock Power Management Truth Table
Signal
Pin PWRDWN#
PWRDWN#
Tristate Bit
Byte2[5:3]
Note
CPU[2:0]
1
X
Running
CPU[2:0]
0
0
Driven @ Iref x2
See Note1
CPU[2:0]
0
1
Tristate
Note:
1. Iref = VDD/(3Rr) = 3.3/(3x475) = 2.32 mA.
Iref x6 = 13.9 mA (Voh @Z: 0.7 V @50
Ω), Iref x2 = 4.6 mA (Voh @Z: 0.23 V @50 Ω)
Table2 SRC Clock Power Management Truth Table
Signal
Pin PWRDWN#
PWRDWN#
Tristate Bit
Byte2[7]
Note
SRC
1
X
Running
SRC
0
0
Driven @ Iref x2
See Note1
SRC
01Tristate
Note:
1. Iref = VDD/(3Rr) = 3.3/(3x475) = 2.32 mA.
Iref x6 = 13.9 mA (Voh @Z: 0.7 V @50
Ω), Iref x2 = 4.6 mA (Voh @Z: 0.23 V @50 Ω)
Byte3 Control Register
Bit
Description
Contents
Type
Default
Note
7
Reserved
RW
1
6
Reserved
RW
1
5
PCI_5 Output enable
0 = Disabled, 1 = Enabled
RW
1
4
PCI_4 Output enable
0 = Disabled, 1 = Enabled
RW
1
3
PCI_3 Output enable
0 = Disabled, 1 = Enabled
RW
1
2
PCI_2 Output enable
0 = Disabled, 1 = Enabled
RW
1
1
PCI_1 Output enable
0 = Disabled, 1 = Enabled
RW
1
0
PCI_0 Output enable
0 = Disabled, 1 = Enabled
RW
1
Byte 4 Control Register
Bit
Description
Contents
Type
Default
Note
7
Reserved
RW
0
6
48_24MHz Output Enable
0 = Disabled, 1 = Enabled
RW
1
5
Reserved
RW
0
4
Reserved
RW
0
3
Reserved
RW
0
2
PCIF_2 Output enable
0 = Disabled, 1 = Enabled
RW
1
1
PCIF_1 Output enable
0 = Disabled, 1 = Enabled
RW
1
0
PCIF_0 Output enable
0 = Disabled, 1 = Enabled
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com