Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS206SS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD151TS206SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS206SS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD151TS206SS Datasheet HTML 9Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 10Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
HD151TS206SS
Rev.1.00, Apr.28.2003, page 13 of 34
I
2C Controlled Register Bit Map (cont.)
Byte12 Control Register
Bit
Description
Contents
Type
Default
Note
7
Reserved
RW
0
6
Reserved
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
Reserved
RW
0
2
PLL1 Output (VCO1)
Frequency Control Bit
(M1/N1 Divider Control Bit)
PLL1 : for
SRC/3V66/PCI_PLL
0 = Normal mode
PLL1 M1[6:0] and N1[9:0] are changed
on Table 5 selection decided by
FS4/3/2/A/B or B9[5:1]
1 = Over or Down clocking mode
PLL1 M1[6:0] and N1[9:0] are changed
by B12[1:0] , B13[7:0] and B14[6:0].
B12[1:0] ,B13[7:0] and B14[6:0] are
able to be changed at B12[2] = 1.
RW
0
1
PLL1 N1 Divider Control Bit9
N1[9]
RW
0
0
PLL1 N1 Divider Control Bit8
N1[8]
RW
0
See
Note1
Note:
1. B12[1:0] ,B13[7:0] and B14[6:0] must be written together (at writing B14) in every case.
Byte13 Control Register
Bit
Description
Contents
Type
Default
Note
7
PLL1 N1 Divider Control Bit7
N1[7]
R/W
0
6
PLL1 N1 Divider Control Bit6
N1[6]
R/W
1
5
PLL1 N1 Divider Control Bit5
N1[5]
R/W
0
4
PLL1 N1 Divider Control Bit4
N1[4]
R/W
0
3
PLL1 N1 Divider Control Bit3
N1[3]
R/W
1
2
PLL1 N1 Divider Control Bit2
N1[2]
R/W
0
1
PLL1 N1 Divider Control Bit1
N1[1]
R/W
1
0
PLL1 N1 Divider Control Bit0
N1[0]
R/W
1
See
Note1
Note:
1. B12[1:0] ,B13[7:0] and B14[6:0] must be written together (at writing B14) in every case.
Byte14 Control Register
Bit
Description
Contents
Type
Default
Note
7
Reserved
R/W
0
6
PLL1 M1 Divider Control Bit6
M1[6]
R/W
0
5
PLL1 M1 Divider Control Bit5
M1[5]
R/W
0
4
PLL1 M1 Divider Control Bit4
M1[4]
R/W
1
3
PLL1 M1 Divider Control Bit3
M1[3]
R/W
0
2
PLL1 M1 Divider Control Bit2
M1[2]
R/W
0
1
PLL1 M1 Divider Control Bit1
M1[1]
R/W
1
0
PLL1 M1 Divider Control Bit0
M1[0]
R/W
0
See
Note1
Note:
1. B12[1:0] ,B13[7:0] and B14[6:0] must be written together (at writing B14) in every case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com