Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404339FS Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # HD404339FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339FS Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button HD404339FS Datasheet HTML 65Page - Renesas Technology Corp HD404339FS Datasheet HTML 66Page - Renesas Technology Corp HD404339FS Datasheet HTML 67Page - Renesas Technology Corp HD404339FS Datasheet HTML 68Page - Renesas Technology Corp HD404339FS Datasheet HTML 69Page - Renesas Technology Corp HD404339FS Datasheet HTML 70Page - Renesas Technology Corp HD404339FS Datasheet HTML 71Page - Renesas Technology Corp HD404339FS Datasheet HTML 72Page - Renesas Technology Corp HD404339FS Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
HD404339 Series
67
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Notes
Supply voltage
V
CC
–0.3 to +7.0
V
Programming voltage
V
PP
–0.3 to +14.0
V
1
Pin voltage
V
T
–0.3 to V
CC + 0.3
V
2
V
CC – 45 to VCC + 0.3
V
3
Total permissible input current
∑I
O
70
mA
4
Total permissible output current
–
∑I
O
150
mA
5
Maximum input current
I
O
4
mA
6, 7
20
mA
6, 8
Maximum output current
–I
O
4
mA
9, 10
30
mA
10, 11
Operating temperature
T
opr
–20 to +75
°C
Storage temperature
T
stg
–55 to +125
°C
Notes: Permanent damage may occur if these absolute maximum ratings are exceeded. Normal operation
must be under the conditions stated in the electrical characteristics tables. If these conditions are
exceeded, the LSI may malfunction or its reliability may be affected.
1. Applies to pin TEST (V
PP) of HD4074339.
2. Applies to all standard voltage pins.
3. Applies to high-voltage pins.
4. The total permissible input current is the total of input currents simultaneously flowing in from all
the I/O pins to GND.
5. The total permissible output current is the total of output currents simultaneously flowing out from
V
CC to all I/O pins.
6. The maximum input current is the maximum current flowing from each I/O pin to GND.
7. Applies to ports R3, R4, and R5.
8. Applies to ports R0, R6, and R7.
9. Applies to ports R0 and R3 to R7.
10. The maximum output current is the maximum current flowing from V
CC to each I/O pin.
11. Applies to ports D
0–D 13, R1, R2, R8, and R9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com