Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404339FS Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # HD404339FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339FS Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button HD404339FS Datasheet HTML 70Page - Renesas Technology Corp HD404339FS Datasheet HTML 71Page - Renesas Technology Corp HD404339FS Datasheet HTML 72Page - Renesas Technology Corp HD404339FS Datasheet HTML 73Page - Renesas Technology Corp HD404339FS Datasheet HTML 74Page - Renesas Technology Corp HD404339FS Datasheet HTML 75Page - Renesas Technology Corp HD404339FS Datasheet HTML 76Page - Renesas Technology Corp HD404339FS Datasheet HTML 77Page - Renesas Technology Corp HD404339FS Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
HD404339 Series
72
AC Characteristics (V
CC = 4.0 to 5.5 V, GND = 0 V, Vdisp = VCC – 40 V to VCC, Ta = –20 to +75°C)
Item
Symbol Pins
Min
Typ
Max
Unit
Test Condition
Note
Clock oscillation frequency
f
OSC
OSC
1,
OSC
2
0.4
4
4.5
MHz
System clock
divided by 4
1
X1, X2
—
32.768
—
kHz
Instruction cycle time
t
cyc
0.89
1
10
µs1
t
subcyc
—
244.14
—
µs
32-kHz oscillator,
1/8 system clock
division ratio
—
122.07
—
µs
32-kHz oscillator,
1/4 system clock
division ratio
Oscillation stabilization time
(ceramic oscillator)
t
RC
OSC
1,
OSC
2
—
—
7.5
ms
2
Oscillation stabilization time
(crystal oscillator)
t
RC
OSC
1,
OSC
2
—
—
40
ms
2
X1, X2
—
—
2
s
2
External clock high width
t
CPH
OSC
1
92
—
—
ns
3
External clock low width
t
CPL
OSC
1
92
—
—
ns
3
External clock rise time
t
CPr
OSC
1
—
—
20
ns
3
External clock fall time
t
CPf
OSC
1
—
—
20
ns
3
INT
0, INT1, EVNB high
widths
t
IH
INT
0, INT1,
EVNB
2—
—
t
cyc /
t
subcyc
4
INT
0, INT1, EVNB low widths
t
IL
INT
0, INT1,
EVNB
2—
—
t
cyc /
t
subcyc
4
RESET low width
t
RSTL
RESET
2—
—
t
cyc
5
STOPC low width
t
STPL
STOPC
1—
—
t
RC
6
RESET rise time
t
RSTr
RESET
—
—
20
ms
5
STOPC rise time
t
STPr
STOPC
—
—
20
ms
6
Input capacitance
C
in
All input
pins except
TEST
—
—
30
pF
f = 1 MHz,
V
in = 0 V
TEST
—
—
30
pF
f = 1 MHz,
V
in = 0 V
7
—
—
180
pF
8
Notes: 1. When using the subsystem oscillator (32.768 kHz), one of the following relationships for f
OSC
must be applied.
0.4 MHz
≤ f
OSC ≤ 1.0 MHz or 1.6 MHz ≤ fOSC ≤ 4.5 MHz
The operating range for f
OSC can be set with bit 1 of system selection register 1 (SSR1:
$027).
2. The oscillation stabilization time is the period required for the oscillator to stabilize in the
following situations:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com