Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404339FS Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD404339FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339FS Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD404339FS Datasheet HTML 21Page - Renesas Technology Corp HD404339FS Datasheet HTML 22Page - Renesas Technology Corp HD404339FS Datasheet HTML 23Page - Renesas Technology Corp HD404339FS Datasheet HTML 24Page - Renesas Technology Corp HD404339FS Datasheet HTML 25Page - Renesas Technology Corp HD404339FS Datasheet HTML 26Page - Renesas Technology Corp HD404339FS Datasheet HTML 27Page - Renesas Technology Corp HD404339FS Datasheet HTML 28Page - Renesas Technology Corp HD404339FS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
HD404339 Series
23
Subactive mode
Interrupt strobe
Direct transfer
completion timing
MCU internal
processing period
Oscillation
stabilization
time
Active mode
T
t
RC
T:
t
:
RC
STOP/SBY instruction execution
(Set LSON = 0, DTON = 1)
Interrupt frame period
Oscillation stabilization time
Figure 15 Direct Transition Timing
MCU Operation Sequence: The MCU operation flow is shown in figures 16 and 17.
RESET input is
asynchronous, and causes an immediate transition to the reset state from any MPU operation state.
The low-power mode operation sequence is shown in figure 17. With the IE flag cleared and an interrupt
flag set together with its interrupt mask cleared, if a STOP/SBY instruction is executed, the instruction is
cancelled (regarded as an NOP) and the following instruction is executed. Before executing a STOP/SBY
instruction, make sure all interrupt flags are cleared or all interrupts are masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com