Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404339FS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD404339FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339FS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD404339FS Datasheet HTML 12Page - Renesas Technology Corp HD404339FS Datasheet HTML 13Page - Renesas Technology Corp HD404339FS Datasheet HTML 14Page - Renesas Technology Corp HD404339FS Datasheet HTML 15Page - Renesas Technology Corp HD404339FS Datasheet HTML 16Page - Renesas Technology Corp HD404339FS Datasheet HTML 17Page - Renesas Technology Corp HD404339FS Datasheet HTML 18Page - Renesas Technology Corp HD404339FS Datasheet HTML 19Page - Renesas Technology Corp HD404339FS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
HD404339 Series
14
Addressing Modes
RAM Addressing Modes
Register Indirect Addressing Mode: The contents of the W, X, and Y registers (10 bits total) are used as
a RAM address.
Direct Addressing Mode: A direct addressing instruction consists of two words. The first word contains
the opcode, and the contents of the second word (10 bits) are used as a RAM address.
Memory Register Addressing Mode (LAMR, XMRA): The memory registers (MR), which are located
in 16 addresses from $040 to $04F, are accessed with the LAMR and XMRA instructions.
0
0
9
9
Opcode
Register Indirect Addressing
2nd instruction
word
RAM address
Direct Addressing
Instruction
9
0
0
9
RAM address
1st instruction
word
3
7
30
Memory Register Addressing
0
9
RAM address 000100
Opcode
Instruction
30 30
0
1
W
X
Y
Figure 7 RAM Addressing Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com