Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404339FS Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # HD404339FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339FS Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HD404339FS Datasheet HTML 71Page - Renesas Technology Corp HD404339FS Datasheet HTML 72Page - Renesas Technology Corp HD404339FS Datasheet HTML 73Page - Renesas Technology Corp HD404339FS Datasheet HTML 74Page - Renesas Technology Corp HD404339FS Datasheet HTML 75Page - Renesas Technology Corp HD404339FS Datasheet HTML 76Page - Renesas Technology Corp HD404339FS Datasheet HTML 77Page - Renesas Technology Corp HD404339FS Datasheet HTML 78Page - Renesas Technology Corp HD404339FS Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
HD404339 Series
73
a. After V
CC reaches 4.0 V at power-on.
b. After
RESET input goes low when stop mode is cancelled.
c. After
STOPC input goes low when stop mode is cancelled.
To ensure the oscillation stabilization time at power-on or when stop mode is cancelled,
RESET
or
STOPC must be input for at least a duration of t
RC.
When using a crystal or ceramic oscillator, consult with the manufacturer to determine what
stabilization time is required, since it will depend on the circuit constants and stray capacitance.
3. Refer to figure 56.
4. Refer to figure 57.
5. Refer to figure 58.
6. Refer to figure 59.
7. Applies to the HD404334, HD404336, HD404338, HD4043312, and HD404339.
8. Applies to the HD4074339.
Serial Interface Timing Characteristics (V
CC = 4.0 to 5.5 V, GND = 0 V, V disp = VCC – 40 V to VCC, Ta =
–20 to +75
°C, unless otherwise specified)
During Transmit Clock Output
Item
Symbol Pins
Min
Typ Max Unit Test Condition
Note
Transmit clock cycle time
t
Scyc
SCK
1—
—
t
cyc
Load shown in figure 61
1
Transmit clock high width
t
SCKH
SCK
0.4
—
—
t
Scyc
Load shown in figure 61
1
Transmit clock low width
t
SCKL
SCK
0.4
—
—
t
Scyc
Load shown in figure 61
1
Transmit clock rise time
t
SCKr
SCK
—
—
80
ns
Load shown in figure 61
1
Transmit clock fall time
t
SCKf
SCK
—
—
80
ns
Load shown in figure 61
1
Serial output data delay time
t
DSO
SO
—
—
300
ns
Load shown in figure 61
1
Serial input data setup time
t
SSI
SI
100
—
—
ns
1
Serial input data hold time
t
HSI
SI
200
—
—
ns
1
During Transmit Clock Input
Item
Symbol
Pins
Min
Typ Max Unit Test Condition
Note
Transmit clock cycle time
t
Scyc
SCK
1
——t
cyc
1
Transmit clock high width
t
SCKH
SCK
0.4
—
—
t
Scyc
1
Transmit clock low width
t
SCKL
SCK
0.4
—
—
t
Scyc
1
Transmit clock rise time
t
SCKr
SCK
—
—
80
ns
1
Transmit clock fall time
t
SCKf
SCK
—
—
80
ns
1
Serial output data delay time t
DSO
SO
—
—
300
ns
Load shown in figure 61
1
Serial input data setup time
t
SSI
SI
100
—
—
ns
1
Serial input data hold time
t
HSI
SI
200
—
—
ns
1
Note:
1. Refer to figure 60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com