Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404339FS Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # HD404339FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339FS Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button HD404339FS Datasheet HTML 27Page - Renesas Technology Corp HD404339FS Datasheet HTML 28Page - Renesas Technology Corp HD404339FS Datasheet HTML 29Page - Renesas Technology Corp HD404339FS Datasheet HTML 30Page - Renesas Technology Corp HD404339FS Datasheet HTML 31Page - Renesas Technology Corp HD404339FS Datasheet HTML 32Page - Renesas Technology Corp HD404339FS Datasheet HTML 33Page - Renesas Technology Corp HD404339FS Datasheet HTML 34Page - Renesas Technology Corp HD404339FS Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
HD404339 Series
29
Bit
Initial value
Read/Write
Bit name
3
0
W
SSR13*1
2
0
W
SSR12
0
—
—
Not used
1
0
W
SSR11
System clock selection register 1 (SSR1: $027)
System Clock Selection*2
0.4 to 1.0 MHz
1.6 to 4.5 MHz
SSR11
0
1
SSR12
0
1
Ratio Selection
fSUB = fX/8
fSUB = fX/4
32-kHz Oscillation Division
SSR13
0
1
32-kHz Oscillation Stop
Oscillation operates in stop mode
Oscillation stops in stop mode
Notes: *1
*2
SSR13 will only be cleared to 0 by a
RESET input. A STOPC input during stop mode will not
clear SSR13. Also note that SSR13 will not be cleared upon transition to stop mode.
When the subsystem oscillator (32.768 kHz crystal oscillator) is used, set 0.4 MHz
≤ f
OSC ≤ 1.0MHz
or 1.6 MHz
≤ f
OSC ≤ 4.5 MHz.
Figure 20 System Clock Selection Register 1 (SSR1)
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
W
SSR20
1
0
W
SSR21
System clock selection register 2 (SSR2: $028)
SSR21
0
0
1
1
SSR20
0
1
0
1
System Clock Division Ratio
1/4 division
1/8 division
1/16 division
1/32 division
Figure 21
System Clock Selection Register 2 (SSR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com