Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS31 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS31 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD26LS31 Datasheet HTML 3Page - Renesas Technology Corp HD26LS31 Datasheet HTML 4Page - Renesas Technology Corp HD26LS31 Datasheet HTML 5Page - Renesas Technology Corp HD26LS31 Datasheet HTML 6Page - Renesas Technology Corp HD26LS31 Datasheet HTML 7Page - Renesas Technology Corp HD26LS31 Datasheet HTML 8Page - Renesas Technology Corp HD26LS31 Datasheet HTML 9Page - Renesas Technology Corp HD26LS31 Datasheet HTML 10Page - Renesas Technology Corp HD26LS31 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD26LS31
Rev.2.00, Jul.16.2004, page 7 of 11
HD26LS31 Line Driver Applications
The HD26LS31 is a line driver that meets the EIA RS-422A conditions, and has been designed to supply a high current
for differential signals to a bus line. Its features are listed below.
• Operates on a single 5 V power supply.
• High output impedance when power is off
• Three-state output
• On-chip current limiter circuit
• Sink current and source current both 40 mA
A block diagram is shown in figure 1. The enable function is common to all four drivers, and either active-high or
active-low can be selected.
The output section consists of two output stages (the Y side and Z side), each of which has the same sink current and
source current capacity.
Input is TTL compatible, and an output current limiter circuit is built into the output stage as shown in figure 2.
1A
2A
3A
4A
Enable G
Enable G
1Y
1Z
2Y
2Z
3Y
3Z
4Y
4Z
Figure 1 HD26LS31 Block Diagram
The output current limiter circuit consists of transistor Q
1 and resistance R1, and operates when the voltage drop on both
sides of R
1 reaches approximately 0.7 V. At this time the current, i, is as follows:
i = 0.7 (V) / 9 (
Ω)≈ 78 (mA)
When a current greater than this flows, Q
1 is turned on, the Q2 base current flows to the output side, and the flow of an
excessively large output current is prevented.
However, since this type of current limiter circuit has the characteristics shown in figure 3, the output stage power
dissipation is large.
Therefore, when the output is shorted, this should be limited to a maximum of one second for one pin only.
The I
OL vs. VOL characteristic for low-level output is shown in figure 4.
An example of termination resistance connection when the HD26LS31 is used as a balanced differential type driver is
shown.
VCC
Output
Q3
R1
9
Ω
Q4
Q2
Q1
Figure 2 Output Stage Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com