Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS31 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS31 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD26LS31 Datasheet HTML 1Page - Renesas Technology Corp HD26LS31 Datasheet HTML 2Page - Renesas Technology Corp HD26LS31 Datasheet HTML 3Page - Renesas Technology Corp HD26LS31 Datasheet HTML 4Page - Renesas Technology Corp HD26LS31 Datasheet HTML 5Page - Renesas Technology Corp HD26LS31 Datasheet HTML 6Page - Renesas Technology Corp HD26LS31 Datasheet HTML 7Page - Renesas Technology Corp HD26LS31 Datasheet HTML 8Page - Renesas Technology Corp HD26LS31 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.2.00, Jul.16.2004, page 1 of 11
HD26LS31
Quadruple Differential Line Drivers With 3 State Outputs
REJ03D0294–0200Z
(Previous ADE-205-576 (Z))
Rev.2.00
Jul.16.2004
Description
The HD26LS31 features quadruple differential line drivers which satisfy the requirements of EIA standard RS-422A.
This device is designed to provide differential signals with high current capability on bus lines. The circuit provides
enable input to control all four drivers. The output circuit has active pull up and pull down and is capable of sinking or
sourcing 40 mA.
Features
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD26LS31P
DILP-16 pin
DP-16E, -16FV
P
—
Logic Diagram
1A
2A
3A
4A
Enable G
Enable G
1Y
1Z
2Y
2Z
3Y
3Z
4Y
4Z


Similar Part No. - HD26LS31

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
More results

Similar Description - HD26LS31

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26C31 HITACHI-HD26C31 Datasheet
87Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
Quadruple Differential Line Receivers With 3 State Outputs
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
Quadruple Differential Line Drivers With 3 State Outputs
HD26C32A RENESAS-HD26C32A_04 Datasheet
184Kb / 13P
Quadruple Differential Line Drivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com