Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS31 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS31 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD26LS31 Datasheet HTML 4Page - Renesas Technology Corp HD26LS31 Datasheet HTML 5Page - Renesas Technology Corp HD26LS31 Datasheet HTML 6Page - Renesas Technology Corp HD26LS31 Datasheet HTML 7Page - Renesas Technology Corp HD26LS31 Datasheet HTML 8Page - Renesas Technology Corp HD26LS31 Datasheet HTML 9Page - Renesas Technology Corp HD26LS31 Datasheet HTML 10Page - Renesas Technology Corp HD26LS31 Datasheet HTML 11Page - Renesas Technology Corp HD26LS31 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD26LS31
Rev.2.00, Jul.16.2004, page 10 of 11
A feature of termination implemented as shown in figure 9 is that power dissipation is low when the duty of the
transmitted signal is high.
However, care is required, since if R
T is sufficiently small, when the output on the pulled-up side goes low, since the
inverter transistor (Q
4 in figure 2) has no protection circuit, and so a large current will flow and the output low level will
rise.
Figure 10 shows the output voltage characteristics when termination resistance R
T is varied.
With the method of using the driver described above, if termination resistance R
T becomes sufficiently small, the region
within which the output current limiter circuit operates will be entered, as can be seen from the I
OH vs. VOH
characteristics shown in figure 3. In this region, the output stage power dissipation is large and the output voltage
changes abruptly. A measure such as insertion of a capacitor in series with the termination resistance is therefore
necessary. Consequently, when selecting the transmission line, the circuit termination resistance to be used requires
careful consideration.
5
2
1.0
0.5
0.2
0.1
0.05
10
20
50
100 200
500 1 k
2 k
5 k 10 k 20 k
50 k
Termination Resistance RT (Ω)
VOH (Y)
VOL (Z)
VCC = 5 V
Ta = 25°C
Z
"H"
VOH
GND
RT
VOL
Y
Figure 8 Termination Resistance vs. Output Voltage Characteristics
VCC
RT
RT
Z
Y
Data input
Figure 9 Example of Driver Use-3
5
2
1.0
0.5
0.2
0.1
0.05
10
20
50
100 200
500 1 k
2 k
5 k 10 k 20 k
50 k
Termination Resistance RT (Ω)
VOL (Y)
VOH (Z)
VCC = 5 V
Ta = 25°C
Z
"L"
VOL
GND
RT
VOH
Y
RT
VCC
Figure 10 Termination Resistance vs. Output Voltage Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com