Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS31 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS31 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD26LS31 Datasheet HTML 4Page - Renesas Technology Corp HD26LS31 Datasheet HTML 5Page - Renesas Technology Corp HD26LS31 Datasheet HTML 6Page - Renesas Technology Corp HD26LS31 Datasheet HTML 7Page - Renesas Technology Corp HD26LS31 Datasheet HTML 8Page - Renesas Technology Corp HD26LS31 Datasheet HTML 9Page - Renesas Technology Corp HD26LS31 Datasheet HTML 10Page - Renesas Technology Corp HD26LS31 Datasheet HTML 11Page - Renesas Technology Corp HD26LS31 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HD26LS31
Rev.2.00, Jul.16.2004, page 8 of 11
When termination resistance RT is connected between the two transmission lines, as shown in figure 7 the current path
situation is that current IOH on the side outputting a high level (in this case, the Y output) flows to the side outputting a
low level (in this case, the Z output) via RT, with the result that the low level rise is large.
If termination resistance RT is dropped to GND on both transmit lines, as shown in figure 5 the current path situation is
that the current that flows into the side outputting a low level (in this case, the Z output) is only the input bias current
from the receiver. As this input bias current is small compared with the signal current, it has almost no effect on the
differential input signal at the receiver end.
Figure 6 shows the output voltage characteristics when termination resistance RT is varied.
Also, when used in a party line system, etc., the low level rises further due to the receiver input bias current, so that it is
probably advisable to drop the termination resistance to GND.
However, the fact that it is possible to make the value of RT equal to the characteristic impedance of the transmission
line offers the advantage of being able to hold the power dissipation on the side outputting a high level to a lower level
than in the above case.
Consequently, the appropriate use must be decided according to the actual operating conditions (transmission line
characteristics, transmission distance, whether a party line is used, etc.).
Figure 8 shows the output voltage characteristics when termination resistance R
T is varied.
5.0
4.0
3.0
2.0
1.0
0
–20
–40
–60
–80
–100
Output Current IOH (mA)
V
CC
= 5.25
V
V
CC
= 4.75
V
VCC = 5.0 V
Ta = 25°C
Figure 3 I
OH vs. VOH Characteristics
0.5
0.4
0.3
0.2
0.1
0
1020304050
Output Current IOL (mA)
VCC = 4.75 V
Ta = 25°C
VCC = 5.0 V
VCC = 5.25 V
Figure 4 I
OL vs. VOL Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com