Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS31 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS31 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD26LS31 Datasheet HTML 4Page - Renesas Technology Corp HD26LS31 Datasheet HTML 5Page - Renesas Technology Corp HD26LS31 Datasheet HTML 6Page - Renesas Technology Corp HD26LS31 Datasheet HTML 7Page - Renesas Technology Corp HD26LS31 Datasheet HTML 8Page - Renesas Technology Corp HD26LS31 Datasheet HTML 9Page - Renesas Technology Corp HD26LS31 Datasheet HTML 10Page - Renesas Technology Corp HD26LS31 Datasheet HTML 11Page - Renesas Technology Corp HD26LS31 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HD26LS31
Rev.2.00, Jul.16.2004, page 11 of 11
Package Dimensions
16
18
9
19.2
20.32 Max
Package Code
JEDEC
JEITA
Mass (reference value)
DP-16E
Conforms
Conforms
1.05 g
2.54 ± 0.25
0.48 ± 0.1
0.89
1.3
7.62
0.25
+ 0.1
– 0.05
0˚ – 15˚
As of January, 2003
Unit: mm
16
18
9
19.2
20.32 Max
Package Code
JEDEC
JEITA
Mass (reference value)
DP-16FV
Conforms
Conforms
1.05 g
2.54 ± 0.25
*NI/Pd/AU Plating
*0.48 ± 0.08
0.89
1.3
7.62
*0.25 ± 0.06
0˚ – 15˚
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com