Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS31 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS31 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD26LS31 Datasheet HTML 1Page - Renesas Technology Corp HD26LS31 Datasheet HTML 2Page - Renesas Technology Corp HD26LS31 Datasheet HTML 3Page - Renesas Technology Corp HD26LS31 Datasheet HTML 4Page - Renesas Technology Corp HD26LS31 Datasheet HTML 5Page - Renesas Technology Corp HD26LS31 Datasheet HTML 6Page - Renesas Technology Corp HD26LS31 Datasheet HTML 7Page - Renesas Technology Corp HD26LS31 Datasheet HTML 8Page - Renesas Technology Corp HD26LS31 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HD26LS31
Rev.2.00, Jul.16.2004, page 3 of 11
Electrical Characteristics
(Ta = 0 to +70°C)
Item
Symbol
Min
Typ*
1
Max
Unit
Application
Terminal
Conditions
Input Voltage
V
IH
2.0
—
—
V
All Inputs
V
IL
——
0.8
Input Clamp Voltage V
IK
—
—
–1.5
V
CC = 4.75 V, II = –18 mA
Output Voltage
V
OH
2.5
—
—
All Outputs
V
CC = 4.75 V
I
OH = –20 mA
V
OH
——
2.4
I
OH = –40 mA
V
OL
——
0.5
I
OL = 40 mA
Output Current
I
OZL
—
—
–20
mA
V
CC = 5.25 V
V
O = 0.5 V
I
OZH
——
20
V
CC = 5.25 V
V
O = 2.5 V
Input Current
I
I
—
—
0.1
mA
All Inputs
V
CC = 5.25 V
V
I = 7 V
I
IH
——
20
µA
V
I = 2.7 V
I
IL
—
—
–0.36 mA
V
I = 0.4 V
Short Circuit Output
Current
I
OS*
2
–30
—
–150
All Outputs
V
CC = 5.25 V
Supply Current
I
CC
—32
80
V
CC
V
CC = 5.25 V
Notes: 1. All typical values are at V
CC = 5 V, Ta = 25°C
2. Not more than one output should be shorted at a time and duration of the short circuit should not exceed one
second.
Switching Characteristics
(V
CC = 5 V, Ta = 25°C)
Item
Symbol Min Typ Max Unit
Application
terminal
Test
circuit
Conditions
Propagation Delay Time
t
PLH
—
14
20
ns
All Outputs
1
CL = 30 pF
t
PHL
—
1420ns
Output Enable Time
t
ZH
—
2540ns
2
C
L = 30 pF, RL = 75
Ω
t
ZL
—
3745ns
3
C
L = 30 pF, RL = 180
Ω
Output Disable Time
t
HZ
—
2130ns
2
C
L = 10 pF
t
LZ
—
2335ns
3
C
L = 10 pF
Complementary Output To
Output
Skew
—
16ns
1
C
L = 30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com