Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV5730A
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV5730A Datasheet HTML 7Page - STMicroelectronics STV5730A Datasheet HTML 8Page - STMicroelectronics STV5730A Datasheet HTML 9Page - STMicroelectronics STV5730A Datasheet HTML 10Page - STMicroelectronics STV5730A Datasheet HTML 11Page - STMicroelectronics STV5730A Datasheet HTML 12Page - STMicroelectronics STV5730A Datasheet HTML 13Page - STMicroelectronics STV5730A Datasheet HTML 14Page - STMicroelectronics STV5730A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FUNCTIONAL DESCRIPTION (continued)
2 - THE MICROPROCESSOR SERIAL INTERFACE
The STV5730A is down loaded by the microprocessor through a three wire serial interface : DATA, CLK,
CSN. The CLK and CSN signals are internally ORed in order to validate the transfer when the STV5730A
is chip selected only (i.e. CSN = 0). The CSN rising edge validates the internal data transfer.
2.1 - Message Formats (see Figure 2)
16-bit, 8-bit and 0-bit formats are available. The 8-bit and 0-bit message formats may be useful to speed
up the STV5730A down loading.
15
12
11
87654
0
0000
BUF[11:8]
STRU[7:6]
0
DEPL[4:0]
ADDRESS
This 16-bit address message loads the serial interface write pointer. This address is incremented after each
data message.
15
12
11
0
0001
DATA[11:0]
DATA
This 16-bit data message writes the data at the location indicated by the write pointer.
70
DATA[7:0]
DATA
This 8-bit data message writes the data at the location indicated by the write pointer. The 4-bit data MSB
is copied from the last previous 16-bit data message.
The 0-bit data message writes a data at the location indicated by the write pointer. The last data is used
from the previous 8-bit or 16-bit data message.
15
12
11
0
0010
don’t care
CONTROL
This 16-bit control message stops the 4*fsc quartz oscillator.
15
12
11
0
0011
don’t care
CONTROL
This 16-bit control message resets the circuit and starts the 4*fsc quartz oscillator. This message should
not be used if an external 4 x fsc clock is used instead of the quartz. It is mandatory that reset operation is
as described in paragraph 2.3.
STV5730A
11/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com