Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV5730A
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV5730A Datasheet HTML 10Page - STMicroelectronics STV5730A Datasheet HTML 11Page - STMicroelectronics STV5730A Datasheet HTML 12Page - STMicroelectronics STV5730A Datasheet HTML 13Page - STMicroelectronics STV5730A Datasheet HTML 14Page - STMicroelectronics STV5730A Datasheet HTML 15Page - STMicroelectronics STV5730A Datasheet HTML 16Page - STMicroelectronics STV5730A Datasheet HTML 17Page - STMicroelectronics STV5730A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1
S
R1
R2
28
VIDEO OUT1
VIDEO OUT2
disa ble
S TV5730A
Figure 4 :
The Translucent Mixed Mode Output
Configuration
FUNCTIONAL DESCRIPTION (continued)
5.1 - Internal Bias Mode
This mode is intended for minimal cost applica-
tions. C10 must be cleared.
The luma levels of the OSD output signal are as
follows :
- LEBLACK : black level
nominal value : 1.25V
- LESYNC : sync level
nominal value : LEBLACK - 300mV
- LESCREEN : page background level
nominal value : LEBLACK + 150mV
- LECHAR : character level
nominal value : LEBLACK + 650mV
LEBLACK is also used to clamp the VIDEO IN
signal and to create the character border.
5.2 - External Bias Mode
This mode is intended to give more flexibility to the
user. C10 must be set.
The LESCREEN and LECHAR levels may be user
defined relatively to the internal LEBLACK level.
The final luma amplitude should not be greater than
the peak white level.
These levels may be static or dynamic.
Dynamic levels can be easily generated by analog
sum of the R/G/B and CO STV5730A outputs (a
few resistors are necessary) to give grey scale
character shading in the mixed mode.
C0 is useful to control the character foreground
luma level.
6 - THE CHROMA GENERATOR
The STV5730Aencoder operates in full page mode
only. It may perform PAL or NTSC encodingaccord-
ing to the C8 control bit.
A 4*fsc chroma quartz crystal is necessary
(fsc = 4.43MHz for PAL, 3.58MHz for NTSC).
The encoder can be turned off by the M6 mode bit
for black & white or for SECAM applications.
The character encoding is controlled by the C9
control bit.
The chroma signal is output on the COUT pin for
external filtering and for attenuation if necessary. It
is then re-entered on the CIN pin and added to the
YIN pin signal to create the final CVBS output
signal.
The chroma saturation is controlled by the
STV5730A :
- burst nominal amplitude : 320mVPP
- blue or yellow colors nominal amplitude :
420mVPP
- red, magenta, green or cyan colors nominal am-
plitude : 580mVPP
7 - THE MARKERS
The STV5730A can generate 3 different markers
that can be activated simultaneously (i.e. on the
same page).
The following marker features are performed :
- Blinking character, character background off.
The character foreground blinks (BK = 1, BE = 0
or C1 = 1).
- Not blinking character, character background on
(C1 = 0, BE = 1).
- Blinking character, character background on.
The character foreground blinks and the charac-
ter background remains (BK = 1, BE = 1, C1 = 0).
8 - THE TRANSLUCENT MIXED MODE
The VIDEO OUT1 and VIDEO OUT2 outputs may
be summed via two external resistors to create a
translucent text (mixed mode). In this case, the
background picture is still visible behind the text.
The background picture visibility (or level of trans-
lucence is controlled by the resistor ratio.
Another benefit from this function is to allow
PAL/SECAM/NTSC multistandard applications to
be built with no SECAM chroma re-insertion filter
and no additional control switches.
The sum may be cancelled by setting the M8 mode
bit. In this case, the VIDEO OUT2 pin is in high
impedance state and the resistor network delivers
VIDEO OUT1 only.
When using the resistor network, please set M8 in
the following cases :
- in full page mode
- when OSD in not displayed
- to select opaque text. This allows the viewer to
select by software the preferred display mode.
The DC levels of the VIDEO OUT1, VIDEO OUT2
and the sum signals are high enough to directly
drive a NPN emitter follower driver (see Table 1).
STV5730A
14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com