Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV5730A
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV5730A Datasheet HTML 8Page - STMicroelectronics STV5730A Datasheet HTML 9Page - STMicroelectronics STV5730A Datasheet HTML 10Page - STMicroelectronics STV5730A Datasheet HTML 11Page - STMicroelectronics STV5730A Datasheet HTML 12Page - STMicroelectronics STV5730A Datasheet HTML 13Page - STMicroelectronics STV5730A Datasheet HTML 14Page - STMicroelectronics STV5730A Datasheet HTML 15Page - STMicroelectronics STV5730A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DATA
CLK
CSN
DATA
CLK
CSN
DATA
CLK
CSN
15
14
13
12
2
1
0
76
543210
16-BIT
MESSAGE
8-BIT
MESSAGE
0-BIT
MESSAGE
Figure 2
FUNCTIONAL DESCRIPTION (continued)
2.2 - The Write Pointer
As described in the ”message format” paragraph,
an address consists of three fields : STRU[7:6],
BUF[11:8], DEPL[4:0].
The STRU[7:6] field indicates whether it is a PAGE
address or a ROW ATTRIBUTE / REGISTER ad-
dress. It also determines the address incrementa-
tion scheme.
- STRU[7:6] = 00 :
It is a PAGE address. BUF provides the row
number (from 0 to 10) and DEPL provides the
character number (from 0 to 27). DEPL is incre-
mented after each data message. When the write
of a row is completed, the write pointer is auto-
matically set to the next row first character.
- STRU[7:6] = 01 :
It is also a PAGE address but the incrementation
scheme is a bit different : when the write of a row
is completed, the write pointer is automatically
set to the first character of the same row.
- STRU[7:6] = 11 :
It is a row attribute or a register address.The BUF
field must be set to 0000 and the DEPL field is
incremented after each data access.
2.2.1 - Address Map
PAGE
: ROW 0
: STRU[7:6] = 0 or 1 - BUF[11:8] = 0 - DEPL[4:0] from 0 to 27
ROW 1
: STRU[7:6] = 0 or 1 - BUF[11:8] = 1 - DEPL[4:0] from 0 to 27
.........
: .................
.....................
................
ROW 10 : STRU[7:6] = 0 or 1 - BUF[11:8] = 10 - DEPL[3:0] from 0 t0 27
ROW ATTRIBUTES : STRU[7:6] = 11 - BUF[11:8] = 0 - DEPL[4:0] from 0 to 10
REGISTERS
: STRU[7:6] = 11 - BUF[11:8] = 0
DEPL[4:0] = 12 for ZOOM register, 13 for COLOR register,
14 for CONTROL register, 15 for POSITION register,
16 for MODE register
STV5730A
12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com