Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV5730A
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV5730A Datasheet HTML 11Page - STMicroelectronics STV5730A Datasheet HTML 12Page - STMicroelectronics STV5730A Datasheet HTML 13Page - STMicroelectronics STV5730A Datasheet HTML 14Page - STMicroelectronics STV5730A Datasheet HTML 15Page - STMicroelectronics STV5730A Datasheet HTML 16Page - STMicroelectronics STV5730A Datasheet HTML 17Page - STMicroelectronics STV5730A Datasheet HTML 18Page - STMicroelectronics STV5730A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
FUNCTIONAL DESCRIPTION (continued)
9 - VIDEO FULL PAGE MODE
In addition to the normal full page mode in which a
uniformely colored screen background is gener-
ated, the STV5730A is able to perform a ”video full
page mode”.
Normal and video full page mode are selected by
the control bit C11 (respectively set high and low).
By using the video full page mode the channel
capture operation can be easily monitored on the
screen since the signal at the VIDEO IN input is
displayed, unlocked, in the screen background
area ; the text being stable and colored, with or
without colored background.
Presence detection is permanently active to keep
the microcontroller informed of the input signal
quality. The information is delivered by the MUTE
pin.
This information can be used by the microcontroller
to force the STV5730A into the mixed mode (set
C0 low) when the input signal becomes good
enough.
In the video full page mode, it can be usefull to set
the M11 (mode register) bit high, so that the mute
signal is not synchronized on the vertical sync, thus
accelerating the VIDEO IN presence detection.
10 - S-VHS APPLICATION (see Figure 5)
The STV5730Acan be used in S-VHS applications
easily.
The Y signal must be delivered to the VIDEO IN
input. The VIDEO OUT1 output then delivers a
Y + text signal, whilst the VIDEO OUT2 delivers the
Y input signal, provided that the CIN input is con-
nected to a bias DC level.
An external switch must be used to select the C
signal in mixed mode or the COUT output signal in
full page mode.
In mixed mode the chroma signal (C) can be exter-
nally attenuated (multistandard translucent opera-
tion) or killed (PAL/NTSC opaque operation only)
during the character gate controlled by the fast
blanking signal.
Table 1
FULL PAGE
PAL/NTSC
MIXED MODE
TRANSLUCENT PAL/NTSC/SECAM
OPAQUE PAL/NTSC
VIDEO OUT1
CVBS (OSD)
VIDEO IN or Text
VIDEO IN or Text
VIDEO OUT2
High impedance
VIDEO IN
High Impedance
S
CVBS
(OSD)
VIDEO IN or
R2 x Text
+ R1 x VIDEO IN
R1
+ R2
VIDEO IN
or Text
CHARACTER
GATED
ATTENUATOR
EXTERNAL
S WITCH
1
2
CIN
Mixed Mode (MM)
Full Pa ge Mode (FP)
C
Y
COUT
FP
22
23
S TV5730A
VIDEO IN
VIDEO OUT1
VIDEO OUT2
INTERNAL BIAS
OP TIONAL
FILTER
MM
15
C
FB
YOSD
Yor Te xt
Yor
Full pa ge mode
Opa que mixed mode
Tra ns luce nt mixed mode
28
R 2
R 1
R 1
R 2 * Text R 1 * Y
R 2
Figure 5 :
S-VHS Input/Output Configuration
STV5730A
15/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com