Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV5730A
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV5730A Datasheet HTML 12Page - STMicroelectronics STV5730A Datasheet HTML 13Page - STMicroelectronics STV5730A Datasheet HTML 14Page - STMicroelectronics STV5730A Datasheet HTML 15Page - STMicroelectronics STV5730A Datasheet HTML 16Page - STMicroelectronics STV5730A Datasheet HTML 17Page - STMicroelectronics STV5730A Datasheet HTML 18Page - STMicroelectronics STV5730A Datasheet HTML 19Page - STMicroelectronics STV5730A Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
FUNCTIONAL DESCRIPTION (continued)
12 - THE R/G/B OUTPUT PICTURE
The following tables show the picture design in R/G/B output mode, according to :
- Blink on/off (BK character attribute & C[6:4] control bits)
- Character background on/off (BE character attribute & C1 control bit)
- Character border on/off (FBE row attribute)
- C3 = 0 : CSCREEN, CBACKG and CBORD are page attributes, defined by the color register.
- C3 = 1 : CSCREEN is defined by the color register. CBACKG and CBORD are identical to CCHAR and
thus are character attributes. It is recommended to use CO output signal in this case.
An R/G/B external switch must be controlled by the STV5730AFB output to perform the character insertion.
C0 may be used as an additional character intensity signal.
12.1 - Mixed Mode
CHARACTER
FOREGROUND
CHARACTER
BORDER
if on
CHARACTER
BORDER
if off
CHARACTER
BACKGROUND
PAGE
BACKGROUND
Not Blinking and
Char Backg off
CCHAR
CBORD
video
Not Blinking and
Char Backg on
CCHAR
CBORD
CBACKG
video
Blinking and Char Backg off
video
Blinking and Char Backg on
CBACKG
video
12.2 - Full Page Mode
CHARACTER
FOREGROUND
CHARACTER
BORDER
if on
CHARACTER
BORDER
if off
CHARACTER
BACKGROUND
PAGE
BACKGROUND
Not Blinking and
Char Backg off
CCHAR
CBORD
CSCREEN
Not Blinking and
Char Backg on
CCHAR
CBORD
CBACKG
CSCREEN
Blinking and Char Backg off
CSCREEN
Blinking and Char Backg on
CBACKG
CSCREEN
CCHAR is a character attribute.
C3 = 0 : CSCREEN, CBACKG and CBORD are page attributes, defined by the color register.
C3 = 1 : CSCREEN is defined by the color register. CBACKG and CBORD are identical to CCHAR and
thus are character attributes.
STV5730A
17/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com