Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5730A
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730A Datasheet(HTML) 4 Page - STMicroelectronics

  STV5730A Datasheet HTML 1Page - STMicroelectronics STV5730A Datasheet HTML 2Page - STMicroelectronics STV5730A Datasheet HTML 3Page - STMicroelectronics STV5730A Datasheet HTML 4Page - STMicroelectronics STV5730A Datasheet HTML 5Page - STMicroelectronics STV5730A Datasheet HTML 6Page - STMicroelectronics STV5730A Datasheet HTML 7Page - STMicroelectronics STV5730A Datasheet HTML 8Page - STMicroelectronics STV5730A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ELECTRICAL CHARACTERISTICS (TA =0
oCto 70oC, AVDD =DVDD = 5V, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
DVDD
Digital Supply Voltage DVDD - DGND
4.75
5.0
5.25
V
DIDD
Digital Supply Current
10
mA
AVDD
Analog Supply Voltage
4.75
5.0
5.25
V
AIDD
Analog Supply Current
25
mA
AVDD-DVDD
Analog to Digital Supply Voltage Difference
-200
0
200
mV
DVOH
Digital Output Voltage High Level (ILOAD = -1mA)
DVDD - 0.5
V
DVOL
Digital Output Voltage Low Level (ILOAD = +1mA)
DGND + 0.5
V
DVIH
Digital Input Voltage High Level
0.75 x
(DVDD - DGND)
V
DVIL
Digital Input Voltage Low Level
0.15 x
(DVDD - DGND)
V
DIIH
Digital Input Current High Level
1
µA
DIIL
Digital Input Current Low Level
-1
µA
BW
Bandwidth at pins : VIDEO IN, VIDEO OUT1,
VIDEO OUT2, CIN, YIN, YOUT, COUT
8.0
MHz
VIDEO IN (Pin 2)
VSYNCIN
Sync Pulse Range
100
650
mV
VCL
Clamp Voltage
1.10
1.30
1.50
V
CIN
External Capacitor
2.2
µF
VIDEO OUT1 (Pin 27)
VOUT1
Output Dynamic Range
2.0
4.4
V
Black Level Voltage
2.20
2.45
2.70
V
CL1
Output Capacitor Load
20
pF
RL1
Output Resistor Load
10
k
ZOUT1
Output Impedance
250
VIDEO OUT2 (Pin 26)
VOUT2
Output Dynamic Range
2.0
4.4
V
Black Level Voltage
2.20
2.45
2.70
V
CL2
Output Capacitor Load
20
pF
RL2
Output Resistor Load
10
k
ZOUT2
Output Impedance
250
GAIN (Pins 26- 27)
Gain Dispersion 0dB
6dB
-1
5
0
6
+1
7
dB
dB
CIN (Pin 25)
CCIN
Input Capacitance
0.5
pF
RCIN
Input Resistance
50
k
YIN (Pin 28)
CYIN
Input Capacitance
0.5
pF
YOUT (Pin 1)
VYOUT
Output Dynamic Range
0.5
3.5
V
CLYOUT
Output Capacitor Load
15
pF
RLYOUT
Output Resistor Load
10
k
COUT (Pin 24)
VCOUT
Output Dynamic Range
0.5
3.5
V
CLCOUT
Output Capacitor Load
15
pF
RLCOUT
Output Resistor Load
10
k
STV5730A
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com