Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV6410A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV6410A Datasheet HTML 7Page - STMicroelectronics STV6410A Datasheet HTML 8Page - STMicroelectronics STV6410A Datasheet HTML 9Page - STMicroelectronics STV6410A Datasheet HTML 10Page - STMicroelectronics STV6410A Datasheet HTML 11Page - STMicroelectronics STV6410A Datasheet HTML 12Page - STMicroelectronics STV6410A Datasheet HTML 13Page - STMicroelectronics STV6410A Datasheet HTML 14Page - STMicroelectronics STV6410A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Input Signals (Write Mode)
Data Byte
TV Audio Output
Register
Address
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
00
Audio Output selection
3
X
X
X
X
X
0
0
0
Muted
X
X
X
X
X
0
0
1
AUX inputs selected
X
X
X
X
X
0
1
0
VCR inputs selected
X
X
X
X
X
0
1
1
ASTB inputs selected
X
X
X
X
X
1
0
0
NOT ALLOWED
X
X
X
X
X
1
0
1
Encoder inputs selected
X
X
X
X
X
1
1
0
NOT ALLOWED
X
X
X
X
X
1
1
1
NOT ALLOWED
Stereo or Mono Mode
1
X
X
X
X
0
X
X
X
0 = Stereo
X
X
X
X
1
X
X
X
1 = Mono
6dB Extra Gain
1
X
X
X
0
X
X
X
X
0 = 0dB
X
X
X
1
X
X
X
X
1 = +6dB
Level Adjustment
3
0
0
0
X
X
X
X
X
0dB Adjustment
1
1
1
X
X
X
X
X
-14dB Adjustment (-2dB/step)
Audio Cinch Output
Register
Address
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
01
Audio Output Selection
3
X
X
X
X
X
0
0
0
Muted
X
X
X
X
X
0
0
1
AUX inputs selected
X
X
X
X
X
0
1
0
VCR inputs selected
X
X
X
X
X
0
1
1
ASTB inputs selected
X
X
X
X
X
1
0
0
TV inputs selected
X
X
X
X
X
1
0
1
Encoder input selected
X
X
X
X
X
1
1
0
NOT ALLOWED
X
X
X
X
X
1
1
1
NOT ALLOWED
6dB Extra Gain
1
X
X
X
0
X
X
X
X
0 = 0dB
X
X
X
1
X
X
X
X
1 = +6dB
Level Adjustment
3
0
0
0
X
X
X
X
X
0dB Adjustment
1
1
1
X
X
X
X
X
-14dB Adjustment (-2dB/step)
I
2C BUS SELECTION (continued)
STV6410A
11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com