Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV6410A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV6410A Datasheet HTML 12Page - STMicroelectronics STV6410A Datasheet HTML 13Page - STMicroelectronics STV6410A Datasheet HTML 14Page - STMicroelectronics STV6410A Datasheet HTML 15Page - STMicroelectronics STV6410A Datasheet HTML 16Page - STMicroelectronics STV6410A Datasheet HTML 17Page - STMicroelectronics STV6410A Datasheet HTML 18Page - STMicroelectronics STV6410A Datasheet HTML 19Page - STMicroelectronics STV6410A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Power-on Reset - Bus Register Initial Conditions
Power on reset is active when the power supply voltage is below (Tbf) volts.
Not significant bits (X) are preset to "0"
Register
Address
HEX
DATA
COMMENTS
d7 d6 d5 d4 d3 d2 d1 d0
00
0
0
0
0
0
0
0
0
Audio TV Output Muted,Stereo Mode,0dB Gain, 0dB Gain Adjustment.
01
0
0
0
0
0
0
0
0
Audio Cinch Output Muted,0 dB Gain, 0dB Gain Adjustment.
02
0
0
0
0
0
0
0
0
Audio VCR Output Muted,Audio AUX Output Muted.
03
0
0
0
000
00
Red signal selected on R/C_TV output, CVBS to RF ouput,TV video and
chroma switches muted, Chroma ouput controlled by d5-d4-d3 from
register 03.
04
0
0
0
000
00
Encoder R/Csub Bottom Level Clamp,AUX R/Csub Bottom Level Clamp,
RGB Outputs 6dB Gain, FB Output forced to 0V, RGB outputs muted.
05
0
0
0
000
00
VCR Video and chroma switches Muted, VCR Chroma Output controlled
by d2-d1-d0 from register 05,AUX Video and chroma switches Muted,
AUX Chroma Output controlled by d6-d5-d4 from register 05.
06
0
0
0
000
00
TV SCART Slow Blanking Input Mode,VCR SCART Slow Blanking Input
Mode, AUX SCART Slow Blanking Input Mode.
07
0
0
0
000
00
AUX, VCR, ASTB, TV, ENCODER Clamps Active ; TV/RGB, AUX, VCR
Outputs ON.
08
0
0
0
0
0
0
0
0
Cinch, RF Mod Outputs ON.
I
2C BUS SELECTION (continued)
STV6410A
16/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com