Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV6410A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV6410A Datasheet HTML 9Page - STMicroelectronics STV6410A Datasheet HTML 10Page - STMicroelectronics STV6410A Datasheet HTML 11Page - STMicroelectronics STV6410A Datasheet HTML 12Page - STMicroelectronics STV6410A Datasheet HTML 13Page - STMicroelectronics STV6410A Datasheet HTML 14Page - STMicroelectronics STV6410A Datasheet HTML 15Page - STMicroelectronics STV6410A Datasheet HTML 16Page - STMicroelectronics STV6410A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TV Video Output
Register
Address
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
03
R/C TV Output Selection
1
X
X
X
X
X
X
X
0
Red signal selected
X
X
X
X
X
X
X
1
Chroma signal selected
RF output : adder control
and chroma subcarrier filter
selection
2
X
X
X
X
X
X
0
X
CVBS to RF output
X
X
X
X
X
X
1
X
Y+C to RF output
X
X
X
X
X
0
X
X
Filter not active
X
X
X
X
X
1
X
X
Filter active
Y/CVBS output and
chroma signal selection
3
X
X
0
0
0
X
X
X
Y/CVBS & chroma muted
X
X
0
0
1
X
X
X
Y/CVBS_AUX & R/C_AUX
X
X
0
1
0
X
X
X
Y_AUX & R/C_AUX
X
X
0
1
1
X
X
X
Y/CVBS _VCR & C_VCR
X
X
1
0
0
X
X
X
CVBS_ASTB & Chr. muted
X
X
1
0
1
X
X
X
Y/CVBS_ENC & R/C_ENC
X
X
1
1
0
X
X
X
Y_ENC & C_ENC
X
X
1
1
1
X
X
X
NOT ALLOWED
Chroma switch muting
1
X
0
X
X
X
X
X
X
Chroma Output controlled by
d5-d4-d3 from register 03.
X
1
X
X
X
X
X
X
Chroma Output forced to mute.
04
ENCODER R/Csub Clamp
1
X
X
X
X
X
X
X
0
Bottom Level Clamp
X
X
X
X
X
X
X
1
Average Level Clamp
AUX R/Csub Clamp
1
X
X
X
X
X
X
0
X
Bottom Level Clamp
X
X
X
X
X
X
1
X
Average Level Clamp
RGB output Gain
2
X
X
X
X
0
0
X
X
+6dB gain
X
X
X
X
1
1
X
X
+3dB gain (1dB/Step)
FB Output
2
X
X
0
0
X
X
X
X
FB forced to low level
X
X
0
1
X
X
X
X
FB forced to high level
X
X
1
0
X
X
X
X
FB from Encoder
X
X
1
1
X
X
X
X
FB from AUX
RGB ouputs selection
2
0
0
X
X
X
X
X
X
Muted
0
1
X
X
X
X
X
X
RGB_Encoder selected
1
0
X
X
X
X
X
X
RGB_AUX selected
1
1
X
X
X
X
X
X
NOT ALLOWED
I
2C BUS SELECTION (continued)
STV6410A
13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com