Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV6410A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV6410A Datasheet HTML 14Page - STMicroelectronics STV6410A Datasheet HTML 15Page - STMicroelectronics STV6410A Datasheet HTML 16Page - STMicroelectronics STV6410A Datasheet HTML 17Page - STMicroelectronics STV6410A Datasheet HTML 18Page - STMicroelectronics STV6410A Datasheet HTML 19Page - STMicroelectronics STV6410A Datasheet HTML 20Page - STMicroelectronics STV6410A Datasheet HTML 21Page - STMicroelectronics STV6410A Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
2.c - Fast Blanking
Fast Blanking signal is used to make an equipment
consider its RGB inputs for full-screen display or
fast insertion (OSD, etc.). The output of such signal
is exactly managed in the same way as RGB (that
is important for levels and delays).
The input is DC coupled (insert a few hundreds
ohms resistors for external input).
2.d - Slow Blanking
Slow Blanking signal is used to make an equipment
consider an external input (e.g. CVBS and
SOUND). The input/output of such signal is very
simple, DC coupled (insert a few hundreds ohms
resistors for external I/O). Notice that this function
is requesting a 12V power supply (on Pin VCC12).
This pin can be left open (not pulled down) if this
function is not used.
3 - I
2C Bus
3.a - Address
You can choose the address of the device by
setting the Pin ADD to ground or to VDD. The former
selects 94h and the latter selects 96h. These val-
ues correspond to the writeable (or control) regis-
ters. Change the lowest bits to ‘1’ (that gives 95h
and 97h) to read the readable register of the device.
One device will answer (acknowledge) to its both
addresses 94h and 95h or 96h and 97h.
3.b - Write Mode
This mode is used to control the device, to select
switches positions, gains, etc.
Send a start condition, the address of the device,
the address of the register (its number), and the
data to put in it. At this point you can send a stop
or send the data of the following registers (that is
what we call auto-increment).
3.c - Read Mode
This mode is used to read some data such as
slow-blanking input signals.
Send a start condition, the address of the device
(+1) and then send one byte clock to read the
unique data register.
APPLICATION NOTE (continued)
N.B.: Do not forget your favourite ESD protections for I/O signals of plugs.
STV6410A
21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com