Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV6410A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410A Datasheet(HTML) 2 Page - STMicroelectronics

  STV6410A Datasheet HTML 1Page - STMicroelectronics STV6410A Datasheet HTML 2Page - STMicroelectronics STV6410A Datasheet HTML 3Page - STMicroelectronics STV6410A Datasheet HTML 4Page - STMicroelectronics STV6410A Datasheet HTML 5Page - STMicroelectronics STV6410A Datasheet HTML 6Page - STMicroelectronics STV6410A Datasheet HTML 7Page - STMicroelectronics STV6410A Datasheet HTML 8Page - STMicroelectronics STV6410A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
ROUT_TV
GNDA
RIN_TV
V
CCA
YCVBSIN_TV
V
REF
GOUT_TV
LOUT_VCR
BOUT_TV
ROUT_VCR
LOUT_CINCH
ROUT_CINCH
CIN_TV
LIN_TV
LIN_VCR
YCVBSIN_VCR
FBOUT_TV
FBIN_AUX
FBIN_ENC
ADD
SCL
SDA
V
CC12
YCVBSIN_AUX
SLB_TV
YIN_AUX
GNDV1
SLB_VCR
RCIN_AUX
GIN_AUX
SLB_AUX
BIN_AUX
PIN CONNECTIONS
PIN LIST
Pin Number
Symbol
Description
1
RCOUT_TV
Red/chroma Output, to TV Scart
2
LOUT_TV
Audio Left Output, to TV Scart
3
YCVBSOUT_TV
Y/CVBS Output, to TV scart
4
ROUT_AUX
Audio Right Output, to AUX Scart
5
COUT_VCR
Chroma Output, to VCR Scart
6
LOUT_AUX
Audio Left Output, to AUX Scart
7
YCVBSOUT_VCR
Y/CVBS Output, to VCR Scart
8
AOUT_RF
Audio (L+R) Output to RF Modulator
9
VOUT_RF
Video (CVBS) Output to RF Modulator
10
GNDV3
Video Switches Ground 3
11
FILTER
Chroma Trap Filter
12
VCCV3
Video Switches Supply 3 (8V)
13
COUT_AUX
Chroma Output, to AUX Scart
14
GNDV2
Video Switches Ground 2
15
YCVBSOUT_AUX
Y/CVBS Output, to AUX Scart
STV6410A
2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com