Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV6410A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV6410A Datasheet HTML 14Page - STMicroelectronics STV6410A Datasheet HTML 15Page - STMicroelectronics STV6410A Datasheet HTML 16Page - STMicroelectronics STV6410A Datasheet HTML 17Page - STMicroelectronics STV6410A Datasheet HTML 18Page - STMicroelectronics STV6410A Datasheet HTML 19Page - STMicroelectronics STV6410A Datasheet HTML 20Page - STMicroelectronics STV6410A Datasheet HTML 21Page - STMicroelectronics STV6410A Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
V
CC 8V
Protected Pad
10k
W
Acknowledge
Figure 13 : I
2C Bus (SDA) (Pin 22)
INPUT/OUTPUT GROUPS (continued)
RF MOD
R/C
G
B
FAST BLANK
CVBS/Y
C
AUDIO L
AUDIO R
AUDIO L
AUDIO R
Y
AUDIO L
AUDIO R
CVBS
R/C
G
B
FAST BLANK
CVBS/Y
AUDIO L
AUDIO R
Y
CVBS/Y
AUDIO L
AUDIO R
C
SLOW BLANK
CINCH
OUTPUT
SCART2
AUX
ANALOG
STB
ENCODER
R/C
G
B
FAST BLANK
CVBS/Y
AUDIO L
AUDIO R
CVBS/Y
AUDIO L
AUDIO R
SLOW BLANK
SCART1
TV
CVBS
AUDIO L+R
CVBS/Y
AUDIO L
AUDIO R
AUDIO L
AUDIO R
SLOW BLANK
SCART3
VCR
C
CVBS/Y
C
STV6410A
C
R
AUDIO
SWITCHES
SLOW BLANK,
I/O CONTROL
R, G, B, FB
SWITCHES
CVBS/Y
SWITCHES
CHROMA
SWITCHES
APPLICATION DIAGRAM
STV6410A
19/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com