Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16129AFPJ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA16129AFPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129AFPJ Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA16129AFPJ Datasheet HTML 1Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 2Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 3Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 4Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 5Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 6Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 7Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 8Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HA16129AFPJ
Rev.1.00 Jun 15, 2005 page 4 of 22
Pin Function
Related
Function
Pin
No.
Symbol
Function
1
P-RUN
Watchdog timer pulse input. The auto-reset function is controlled by the duty
cycle or frequency of this input pulse signal.
2
Rf
The resistor connected to this pin determines the current that flows in the Cf
pin capacitor. Use the resistor value from 100 k
Ω to 500 kΩ
WDT.
3
Cf
The current determined by the Rf pin charges the Cf capacitor and the
potential on this pin determines the watchdog timer frequency band.
4
RR
The resistor connected to this pin determines the current that flows in the CR
pin capacitor. Use the resistor value from 100 k
Ω to 500 kΩ
tRH, tRL, tOFF
5
CR
The current determined by the RR pin charges the capacitor CR and the
potential on this pin controls the
RES function (toff, tRH, and tRL).
tON
6
RT
The resistor RT, which determines only the time tON for the RES function is
connected to this pin. This resistor determines the current that charges the
capacitor CR for the time tON. Use the resistor value from 100 k
Ω to 500 kΩ
tr, tRES
7
CRES
The current determined by the Rf pin charges the capacitor CRES, and the
RES delay times (Tr and TRES) are determined by the potential of this
capacitor.
–
8
GND
Ground
Vout
9
Voadj
Insert the resistor Roadj if fine adjustment of the regulator output voltage
Vout is required. Leave this pin open if Vout does not need to be changed.
Output
10
OUTE
Output for the OUTE function
Power
supply
11
VCC
Power supply
Short
detection
12
CS
Connect the overcurrent detection resistor between the CS pin and the VCC
pin. If this function is not used, short this pin to VCC. Also, connect this pin to
the emitter of the external transistor.
13
CONT
Connect this pin to the base of the external transistor.
Vout
14
VOUT
Provides the regulator output voltage and the IC internal power supply.
Connect this pin to the collector of the external transistor.
15
NMIsns
This pin senses the
NMI detection voltage. If VCC is to be detected, connect
this pin to the VCC pin (however, note that an external resistor is required),
and if Vout is to be detected, connect this pin to the VOUT pin.
NMI
16
NMIadj
Insert a resistor if fine adjustment of the
NMI detection voltage is required.
Leave this pin open if fine adjustment is not required.
Output
17
NMI
NMI output
Output
18
RES
RES output
STBY
19
STBYadj
Insert a resistor if fine adjustment of the
STBY detection voltage is required.
Leave this pin open if fine adjustment is not required.
Output
20
STBY
STBY output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com