Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16129AFPJ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HA16129AFPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129AFPJ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HA16129AFPJ Datasheet HTML 13Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 14Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 15Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 16Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 17Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 18Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 19Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 20Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
HA16129AFPJ
Rev.1.00 Jun 15, 2005 page 17 of 22
Operating Waveforms
100k
10k
100
10
20
30
Frequency vs. Duty Characteristics
40
50
60
70
80
90
100
Duty (%)
1k
Ta = 25
°C, C
R = 0.1µF, RR = 180kΩ,
RT = 390kΩ, Rf = 180kΩ, Cf = 3300pF
CRES = 1500pF
Runaway area
RES and OUTE
runaway detection
lines
OUTE normal
recovery line
Normal area
Pulse generator
VOH: 5V
VOL: 0V
RES
OUTE
Monitor
1000
100
10
1
10
Power On Time (tON) vs. RT Resistance Characteristics
100
500
1000
RT Resistance (kΩ)
50
Ta = 25
°C, V
CC = 0 → 12V, Rf = 180kΩ,
Cf = 3300pF, CRES = 1500pF
5
500
50
CR = 0.47µF
CR = 0.1µF
CR = 0.033µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com