Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16129AFPJ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA16129AFPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129AFPJ Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA16129AFPJ Datasheet HTML 1Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 2Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 3Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 4Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 5Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 6Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 7Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 8Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
HA16129AFPJ
Rev.1.00 Jun 15, 2005 page 3 of 22
Block Diagram
−
+
71k
1.5V
STBY detection
block
36.8k
−
+
2k
NMI detection
block
25k
1.18V
70k
80k
3.3k
19
15
STBYadj
NMIsns
16
NMIadj
To Vout
31.2k
Q R
S
RES
STBY
tON detection
block
6
RT
5
CR
Q
R
S
NMI
3
Cf
If*16
If/6
1
P-RUN
−
+
−
+ −
WDT block
IR
IR*4/3
Delay circuit block
−
8.4k
20k
33k
19k
18
3.3k
+
−
+
7
CRES
RES
−
+
Q
R
S
OUTE
block
10
3.3k
OUTE
17
NMI
20
STBY
11
12
13
Regulator block
+
−
VCC
CS
CONT
Short
detection
block
9
Voadj
14
VOUT
To microprocessor
(or other device)
power supply
connections
RES block
4
RR
2
Rf
IR
If
2V
8
GND
3.3k
1.24V
Overvoltage
detection
block
Note: The current, voltage, and resistor values listed in the diagram are reference values.
: Connect to Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com