Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16129AFPJ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16129AFPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129AFPJ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16129AFPJ Datasheet HTML 9Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 10Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 11Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 12Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 13Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 14Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 15Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 16Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
HA16129AFPJ
Rev.1.00 Jun 15, 2005 page 13 of 22
Electrical Characteristics
(Ta = 25
°C, VCC = 12V, Vout = 5.0V, Rf = RR = 180kΩ, Cf = 3300pF, CR = 0.1µF, RT = 390kΩ, CRES = 1500pF,
RCS = 0.2
Ω)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Power supply current
ICC
–
10
15
mA
Short detection voltage
VCS
400
700
900
mV
VCS = (VCC pin
voltage –
CS pin voltage)
Output voltage
Vout
4.925
5.00
5.075
V
VCC = 12V,
Icont = 5mA
Input voltage stabilization
Volin
–30
–
30
mV
VCC =
6 to 17.5V,
Icont = 10mA
Load current stabilization
Voload
–30
–
30
mV
Icont =
0.1 to 15mA
Ripple exclusion ratio
RREJ
(45)
75
–
dB
Vi = 0.5Vrms,
fi = 1kHz
Output voltage temperature
coefficient
| δVout/δT |
–
40
(200)
ppm/
°C Icont = 5mA
Regulator
block
Output voltage adjustment
range
VoMAX
–
–
7.0
V
Input high-level voltage
ViH
2.0
–
–
V
Input low-level voltage
ViL
–
–
0.8
V
Input high-level current
IiH
–
300
500
µA
ViH = 5.0V
P-RUN
input block
Input low-level current
IiL
–5
0
5
µA
ViL = 0.0V
High level
VOHN
Vout
− 0.2
Vout
Vout + 0.2
V
IOHN = 0mA
Low level
VOLN
–
–
0.4
V
IOLN = 2.0mA
NMI output
block
Function start voltage
VSTN
–
0.7
1.4
V
High level
VOHS
Vout – 0.2
Vout
Vout + 0.2
V
IOHS = 0mA
Low level
VOLS
–
–
0.4
V
IOLS = 2.0mA
STBY
output block
Function start voltage
VSTS
–
0.7
1.4
V
Note: Values in parentheses are design reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com