Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16129AFPJ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA16129AFPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129AFPJ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA16129AFPJ Datasheet HTML 2Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 3Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 4Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 5Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 6Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 7Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 8Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 9Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
HA16129AFPJ
Rev.1.00 Jun 15, 2005 page 6 of 22
OUTE Function
When a microprocessor is in the runaway state, its outputs are undefined, and thus it is possible that the outputs may be
driven by incorrect signals. This function is used to mask such incorrect microprocessor outputs. When the WDT
function recognizes normal operation (when the
RES output is high), the OUTE output will be held high. When the
WDT function recognizes an abnormal state and an auto-reset pulse is output from the
RES pin, the OUTE output will
be held low. Thus microprocessor outputs during microprocessor runaway can be masked by taking the AND of those
outputs and this signal using external AND gates.
The OUTE output will go high when the CR pin voltage exceeds VthHcr2, and will go low when that voltage falls
below VthLcr.
There are limitation that apply when the OUTE function is used. Refer to the calculation formulas item for details.
RES Function
• tRH
This period is the length of the high-level output period of the
RES pulse when the P-RUN signal from the
microprocessor stops. This is the time required for the CR potential to reach VthLcr from VthHcr1.
• tRL
This period is the length of the low-level output period of the
RES pulse when the P-RUN signal from the
microprocessor stops. This is the time required for the CR potential to reach VthHcr1 from VthLcr.
• tOFF
This is the time from the point the P-RUN signal from the microprocessor stops to the point a low level is output
from the
RES pin. During normal microprocessor operation, the potential on the C
R pin will be about Vout – 0.2 V
(although this value may change with the P-RUN signal input conditions, so it should be verified in the actual
application circuit) and tOFF is the time for the CR pin potential to reach VthLcr from that potential.
• tON
tON is the time from the point the NMI output goes high when power is first applied to the point the RES output goes
low. tON is the time for the potential of the CR pin to reach VthHcr1 from 0 V.
• tr
The time tr is the fixed delay time between the point the
NMI output goes from low to high after the power-supply
voltage comes up to the point
RES goes from low to high. The time tr is the time for the CRES pin potential to fall
from the high voltage (about 1.9 V) to Vthcres.
• tRES
The time tRES is the fixed delay time between the point the NMI output goes from high to low when the power-
supply voltage falls to the point
RES goes from high to low. The time t
RES is the time for the CRES pin potential to
rise from 0 V to Vthcres.
WDT Function
This function determines whether the microprocessor is operating normally or has entered a runaway state by
monitoring the duty or frequency of the P-RUN signal. When this function recognizes a runaway state, it outputs a
reset pulse from the
RES pin and sets the OUTE pin to low from high. It holds the RES and OUTE pins fixed at high as
long as it recognizes normal microprocessor operation.
In this function, the potential of the Cf capacitor is controlled by the P-RUN signal. This Cf pin potential charges the
capacitor CR that controls the reset pulse to be between VthLcf and VthHcf. The judgment as to whether or not the
microprocessor is operating normally, is determined by the balance between the charge and discharge voltage on the
capacitor CR at this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com