Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16129AFPJ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA16129AFPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129AFPJ Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA16129AFPJ Datasheet HTML 1Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 2Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 3Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 4Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 5Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 6Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 7Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 8Page - Renesas Technology Corp HA16129AFPJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev.1.00 Jun 15, 2005 page 1 of 22
HA16129AFPJ
Single Watchdog Timer
REJ03F0143-0100
(Previous: ADE-204-067)
Rev.1.00
Jun 15, 2005
Description
The HA16129AFPJ is a watchdog timer IC that monitors a microprocessor for runaway. In addition to the watchdog
timer function, the HA16129AFPJ also provides a function for supplying a high-precision stabilized power supply to
the microprocessor, a power on reset function, a power supply voltage monitoring function, and a fail-safe function that
masks the microprocessor outputs if a runaway is detected.
Functions
• Watchdog timer (WDT) function
Monitors the P-RUN signal output by the microprocessor, and issues an auto-reset (RES) signal if a microprocessor
runaway is detected.
• Stabilized power supply
Provides power to the microprocessor.
• Power on and clock off functions
The power on function outputs a low level signal to the microprocessor for a fixed period when power is first
applied.
The clock off function outputs a
RES signal to the microprocessor a fixed period after a runaway occurs.
• Power supply monitoring function
When the reference voltage (Vout) falls and becomes lower than the
NMI detection voltage (4.63 V, Typ) or the
STBY detection voltage (3.0 V Typ), this function outputs either an NMI signal or an STBY signal, respectively.
Note that NMI detection can be set to monitor either VCC or Vout.
• OUTE function
*1 (fail-safe function)
Outputs a signal used to mask microprocessor outputs when a microprocessor runaway has been detected.
• RES delay function
Sets the delay between the time the
NMI signal is output and the time the RES signal is output.
• Protection functions
• The HA16129AFPJ incorporates both Vout overvoltage prevention and short detection functions.
Note: 1. OUTE function: OUTE is an abbreviation for output enable.
Features
• High-precision output voltage: 5.0 V ± 1.5%
• The WDT supports both frequency and duty detection schemes.
• High-precision power supply monitoring function: 4.625 V ± 0.125 V
• Built-in OUTE function
• All functions can be adjusted with external resistors and/or capacitors.


Similar Part No. - HA16129AFPJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA16129AFPJ ETC-HA16129AFPJ Datasheet
151Kb / 26P
Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
More results

Similar Description - HA16129AFPJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
HA16129FPJ HITACHI-HA16129FPJ Datasheet
135Kb / 24P
Single Watchdog Timer
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
HA16129FPJ RENESAS-HA16129FPJ Datasheet
488Kb / 23P
Single Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com