Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 353Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 354Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 355Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 356Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 357Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 358Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 359Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 360Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 333 of 1200
REJ09B0344-0200
9.4.3
Channel Priority
When the DMAC receives simultaneous transfer requests on two or more channels, it selects a
channel according to a predetermined priority order. Three modes (fixed mode 1, fixed mode 2,
and round-robin mode) are selected using the PR1 and PR0 bits in DMAOR.
(1)
Fixed Mode
In fixed modes, the priority levels among the channels remain fixed. There are two kinds of fixed
modes as follows:
Fixed mode 1: CH0 > CH1 > CH2 > CH3 > CH4 > CH5 > CH6 > CH7
Fixed mode 2: CH0 > CH4 > CH1 > CH5 > CH2 > CH6 > CH3 > CH7
These are selected by the PR1 and PR0 bits in the DMA operation register (DMAOR).
(2)
Round-Robin Mode
Each time one unit of word, byte, longword, or 16 bytes is transferred on one channel, the priority
order is rotated. The channel on which the transfer was just finished is rotated to the lowest of the
priority order among the four round-robin channels (channels 0 to 4). The priority of the channels
other than the round-robin channels (channels 0 to 4) does not change even in round-robin mode.
The round-robin mode operation is shown in figure 9.3. The priority in round-robin mode is CH0
> CH1 > CH2 > CH3 > CH4 > CH5 > CH6 > CH7 immediately after a reset.
When round-robin mode has been specified, do not concurrently specify cycle steal mode and
burst mode as the bus modes of any two or more channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com