Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 84Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 85Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 86Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 87Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 88Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 89Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 90Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 91Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 64 of 1200
REJ09B0344-0200
(6)
Standby Control Circuit
The standby control circuit controls the states of the clock pulse generator and other modules
during clock switching, or sleep or software standby mode.
(7)
Frequency Control Register (FRQCR)
The frequency control register (FRQCR) has control bits assigned for the following functions:
clock output/non-output from the CK pin during software standby mode, the frequency
multiplication ratio of PLL circuit 1, and the frequency division ratio of the internal clock (I
φ) and
the peripheral clock (P
φ).
(8)
MTU2S Clock Frequency Control Register (MCLKCR)
The MTU2S clock frequency control register (MCLKCR) has control bits assigned for the
following functions: MTU2S clock (M
φ) output/non-output and the frequency division ratio.
(9)
AD Clock Frequency Control Register (ACLKCR)
The AD clock frequency control register (ACLKCR) has control bits assigned for the following
functions: AD clock (A
φ) output/non-output and the frequency division ratio.
(10) Standby Control Register
The standby control register has bits for controlling the power-down modes. See section 23,
Power-Down Modes, for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com