Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 95Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 96Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 97Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 98Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 99Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 100Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 101Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 102Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 75 of 1200
REJ09B0344-0200
4.6
Notes on Board Design
4.6.1
Note on Using an External Crystal Resonator
Place the crystal resonator and capacitors CL1 and CL2 as close to the XTAL and EXTAL pins as
possible. In addition, to minimize induction and thus obtain oscillation at the correct frequency,
the capacitors to be attached to the resonator must be grounded to the same ground. Do not bring
wiring patterns close to these components.
CL1
CL2
EXTAL
XTAL
Signal lines prohibited
This LSI
The values for CL1 and CL2
should be determined after
consultation with the crystal
resonator manufacturer.
Note:
Reference value
CL1 = 20 pF
CL2 = 20 pF
Figure 4.2 Note on Using a Crystal Resonator
4.6.2
Note on Bypass Capacitor
A multilayer ceramic capacitor should be inserted for each pair of Vss and Vcc as a bypass
capacitor as many as possible. The bypass capacitor must be inserted as close to the power supply
pins of the LSI as possible. Note that the capacitance and frequency characteristics of the bypass
capacitor must be appropriate for the operating frequency of the LSI.
4.6.3
Note on Using a PLL Oscillation Circuit
In the PLLVcc and PLLVss connection pattern for the PLL, signal lines from the board power
supply pins must be as short as possible and pattern width must be as wide as possible to reduce
inductive interference.
Since the analog power supply pins of the PLL are sensitive to the noise, the system may
malfunction due to inductive interference at the other power supply pins. To prevent such
malfunction, the analog power supply pin Vcc and digital power supply pin VccQ should not
supply the same resources on the board if at all possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com