Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 90Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 91Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 92Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 93Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 94Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 95Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 96Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 97Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 70 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
6 to 4
IFC[2:0]
000
R/W
Internal Clock (I
φ) Frequency Division Ratio
These bits specify the frequency division ratio of the
internal clock with respect to the output frequency of
PLL circuit 1.
If a prohibited value is specified, correct operation
cannot be guaranteed.
000:
× 1 time
001:
× 1/2 time
011:
× 1/4 time
Other than above: Setting prohibited
3
RNGS
0
R/W
Set this bit according to the output frequency of PLL
circuit 1.
0: High-frequency mode
1: Low-frequency mode
Always specify high-frequency mode for this LSI.
Do not set this bit to 1.
2 to 0
PFC[2:0]
011
R/W
Peripheral Clock (P
φ) Frequency Division Ratio
These bits specify the frequency division ratio of the
peripheral clock with respect to the output frequency
of PLL circuit 1.
If a prohibited value is specified, correct operation
cannot be guaranteed.
000:
× 1 time
001:
× 1/2 time
011:
× 1/4 time
101:
× 1/8 time
Other than above: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com